| Electronic Components Datasheet Search |
|
DS2156 Datasheet(PDF) 111 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2156 Datasheet(HTML) 111 Page - Dallas Semiconductor |
|
111 / 262 page ![]() DS2156 111 of 262 Register Name: ESCR Register Description: Elastic Store Control Register Register Address: 4Fh Bit # 7 6 5 4 3 2 1 0 Name TESALGN TESR TESMDM TESE RESALGN RESR RESMDM RESE Default 0 0 0 0 0 0 0 0 Bit 0/Receive Elastic Store Enable (RESE) 0 = elastic store is bypassed 1 = elastic store is enabled Bit 1/Receive Elastic Store Minimum-Delay Mode (RESMDM). See Section 18.4 for details. 0 = elastic stores operate at full two-frame depth 1 = elastic stores operate at 32-bit depth Bit 2/Receive Elastic Store Reset (RESR). Setting this bit from a 0 to a 1 forces the read and write pointers into opposite frames, maximizing the delay through the receive elastic store. It should be toggled after RSYSCLK has been applied and is stable. See Section 18.3 for details. Do not leave this bit set HIGH. Bit 3/Receive Elastic Store Align (RESALGN). Setting this bit from a 0 to a 1 forces the receive elastic store’s write/read pointers to a minimum separation of half a frame. No action is taken if the pointer separation is already greater or equal to half a frame. If pointer separation is less than half a frame, the command is executed and the data is disrupted. It should be toggled after RSYSCLK has been applied and is stable. Must be cleared and set again for a subsequent align. See Section 18.3 for details. Bit 4/Transmit Elastic Store Enable (TESE) 0 = elastic store is bypassed 1 = elastic store is enabled Bit 5/Transmit Elastic Store Minimum-Delay Mode (TESMDM). See Section 18.4 for details. 0 = elastic stores operate at full two-frame depth 1 = elastic stores operate at 32-bit depth Bit 6/Transmit Elastic Store Reset (TESR). Setting this bit from a 0 to a 1 forces the read and write pointers into opposite frames, maximizing the delay through the transmit elastic store. Transmit data is lost during the reset. It should be toggled after TSYSCLK has been applied and is stable. See Section 18.3 for details. Do not leave this bit set HIGH. Bit 7/Transmit Elastic Store Align (TESALGN). Setting this bit from a 0 to a 1 forces the transmit elastic store’s write/read pointers to a minimum separation of half a frame. No action is taken if the pointer separation is already greater or equal to half a frame. If pointer separation is less than half a frame, the command is executed and the data is disrupted. It should be toggled after TSYSCLK has been applied and is stable. It must be cleared and set again for a subsequent align. See Section 18.3 for details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |