Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 112 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 112 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 108Page - Dallas Semiconductor DS2156 Datasheet HTML 109Page - Dallas Semiconductor DS2156 Datasheet HTML 110Page - Dallas Semiconductor DS2156 Datasheet HTML 111Page - Dallas Semiconductor DS2156 Datasheet HTML 112Page - Dallas Semiconductor DS2156 Datasheet HTML 113Page - Dallas Semiconductor DS2156 Datasheet HTML 114Page - Dallas Semiconductor DS2156 Datasheet HTML 115Page - Dallas Semiconductor DS2156 Datasheet HTML 116Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 262 page
background image
DS2156
112 of 262
Register Name:
SR5
Register Description:
Status Register 5
Register Address:
1Eh
Bit #
7
6
5
4
3
2
1
0
Name
—
—
TESF
TESEM
TSLIP
RESF
RESEM
RSLIP
Default
0
0
0
0
0
0
0
0
Bit 0/Receive Elastic Store Slip-Occurrence Event (RSLIP). Set when the receive elastic store has either
repeated or deleted a frame.
Bit 1/Receive Elastic Store Empty Event (RESEM). Set when the receive elastic store buffer empties and a
frame is repeated.
Bit 2/Receive Elastic Store Full Event (RESF). Set when the receive elastic store buffer fills and a frame is
deleted.
Bit 3/Transmit Elastic Store Slip-Occurrence Event (TSLIP). Set when the transmit elastic store has either
repeated or deleted a frame.
Bit 4/Transmit Elastic Store Empty Event (TESEM). Set when the transmit elastic store buffer empties and a
frame is repeated.
Bit 5/Transmit Elastic Store Full Event (TESF). Set when the transmit elastic store buffer fills and a frame is
deleted.
Register Name:
IMR5
Register Description:
Interrupt Mask Register 5
Register Address:
1Fh
Bit #
7
6
5
4
3
2
1
0
Name
—
—
TESF
TESEM
TSLIP
RESF
RESEM
RSLIP
Default
0
0
0
0
0
0
0
0
Bit 0/Receive Elastic Store Slip-Occurrence Event (RSLIP)
0 = interrupt masked
1 = interrupt enabled
Bit 1/Receive Elastic Store Empty Event (RESEM)
0 = interrupt masked
1 = interrupt enabled
Bit 2/Receive Elastic Store Full Event (RESF)
0 = interrupt masked
1 = interrupt enabled
Bit 3/Transmit Elastic Store Slip-Occurrence Event (TSLIP)
0 = interrupt masked
1 = interrupt enabled
Bit 4/Transmit Elastic Store Empty Event (TESEM)
0 = interrupt masked
1 = interrupt enabled
Bit 5/Transmit Elastic Store Full Event (TESF)
0 = interrupt masked
1 = interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com