Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 116 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 116 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 112Page - Dallas Semiconductor DS2156 Datasheet HTML 113Page - Dallas Semiconductor DS2156 Datasheet HTML 114Page - Dallas Semiconductor DS2156 Datasheet HTML 115Page - Dallas Semiconductor DS2156 Datasheet HTML 116Page - Dallas Semiconductor DS2156 Datasheet HTML 117Page - Dallas Semiconductor DS2156 Datasheet HTML 118Page - Dallas Semiconductor DS2156 Datasheet HTML 119Page - Dallas Semiconductor DS2156 Datasheet HTML 120Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 262 page
background image
DS2156
116 of 262
20.
T1 BIT-ORIENTED CODE (BOC) CONTROLLER
The DS2156 contains a BOC generator on the transmit side and a BOC detector on the receive side. The
BOC function is available only in T1 mode.
20.1 Transmit BOC
Bits 0 to 5 in the TFDL register contain the BOC message to be transmitted. Setting BOCC.0 = 1 causes
the transmit BOC controller to immediately begin inserting the BOC sequence into the FDL bit position.
The transmit BOC controller automatically provides the abort sequence. BOC messages are transmitted as
long as BOCC.0 is set.
Transmit a BOC
1) Write 6-bit code into the TFDL register.
2) Set the SBOC bit in BOCC = 1.
20.2 Receive BOC
The receive BOC function is enabled by setting BOCC.4 = 1. The RFDL register now operates as the
receive BOC message and information register. The lower six bits of the RFDL register (BOC message
bits) are preset to all 1s. When the BOC bits change state, the BOC change-of-state indicator, SR8.0,
alerts the host. The host then reads the RFDL register to get the BOC status and message. A change-of-
state occurs when either a new BOC code has been present for a time determined by the receive BOC
filter bits RBF0 and RBF1 in the BOCC register, or a nonvalid code is being received.
Receive a BOC
1) Set integration time through BOCC.1 and BOCC.2.
2) Enable the receive BOC function (BOCC.4 = 1).
3) Enable interrupt (IMR8.0 = 1).
4) Wait for interrupt to occur.
5) Read the RFDL register.
6) If SR2.7 = 1, then a valid BOC message was received.
– The lower six bits of the RFDL register comprise the message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com