Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 117 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 117 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 113Page - Dallas Semiconductor DS2156 Datasheet HTML 114Page - Dallas Semiconductor DS2156 Datasheet HTML 115Page - Dallas Semiconductor DS2156 Datasheet HTML 116Page - Dallas Semiconductor DS2156 Datasheet HTML 117Page - Dallas Semiconductor DS2156 Datasheet HTML 118Page - Dallas Semiconductor DS2156 Datasheet HTML 119Page - Dallas Semiconductor DS2156 Datasheet HTML 120Page - Dallas Semiconductor DS2156 Datasheet HTML 121Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 262 page
background image
DS2156
117 of 262
Register Name:
BOCC
Register Description:
BOC Control Register
Register Address:
37h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
RBOCE
RBR
RBF1
RBF0
SBOC
Default
0
0
0
0
0
0
0
0
Bit 0/Send BOC (SBOC). Set = 1 to transmit the BOC code placed in bits 0 to 5 of the TFDL register.
Bits 1 and 2/Receive BOC Filter Bits (RBF0, RBF1). The BOC filter sets the number of consecutive patterns that
must be received without error prior to an indication of a valid message.
RBF1
RBF0
Consecutive BOC Codes for
Valid Sequence Identification
0
0
None
0
1
3
1
0
5
1
1
7
Bit 3/Receive BOC Reset (RBR). A 0-to-1 transition resets the BOC circuitry. Must be cleared and set again for a
subsequent reset.
Bit 4/Receive BOC Enable (RBOCE). Enables the receive BOC function. The RFDL register reports the received
BOC code and two information bits when this bit is set.
0 = receive BOC function disabled
1 = receive BOC function enabled; the RFDL register reports BOC messages and information
Bits 5 to 7/Unused, must be set to 0 for proper operation
Register Name:
RFDL
Register Description:
Receive FDL Register
Register Address:
C0h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
RBOC5
RBOC4
RBOC3
RBOC2
RBOC1
RBOC0
Default
0
0
0
0
0
0
0
0
RFDL register bit definitions when BOCC.4 = 1:
Bit 0/BOC Bit 0 (RBOC0)
Bit 1/BOC Bit 1 (RBOC1)
Bit 2/BOC Bit 2 (RBOC2)
Bit 3/BOC Bit 3 (RBOC3)
Bit 4/BOC Bit 4 (RBOC4)
Bit 5/BOC Bit 5 (RBOC5)
Bits 6, 7/This bit position is unused when BOCC.4 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com