Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 136 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 136 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 132Page - Dallas Semiconductor DS2156 Datasheet HTML 133Page - Dallas Semiconductor DS2156 Datasheet HTML 134Page - Dallas Semiconductor DS2156 Datasheet HTML 135Page - Dallas Semiconductor DS2156 Datasheet HTML 136Page - Dallas Semiconductor DS2156 Datasheet HTML 137Page - Dallas Semiconductor DS2156 Datasheet HTML 138Page - Dallas Semiconductor DS2156 Datasheet HTML 139Page - Dallas Semiconductor DS2156 Datasheet HTML 140Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 262 page
background image
DS2156
136 of 262
22.2.1
FIFO Control
The FIFO control register (HxFC) controls and sets the watermarks for the transmit and receive FIFOs.
Bits 3, 4, and 5 set the transmit low watermark and the lower 3 bits set the receive high watermark.
When the transmit FIFO empties below the low watermark, the TLWM bit in the appropriate HDLC
status register SR6 or SR7 is set. TLWM is a real-time bit and remains set as long as the transmit FIFO’s
read pointer is below the watermark. If enabled, this condition can also cause an interrupt through the INT
pin.
When the receive FIFO fills above the high watermark, the RHWM bit in the appropriate HDLC status
register is set. RHWM is a real-time bit and remains set as long as the receive FIFO’s write pointer is
above the watermark. If enabled, this condition can also cause an interrupt through the INT pin.
Register Name:
H1FC, H2FC
Register Description:
HDLC # 1 FIFO Control
HDLC # 2 FIFO Control
Register Address:
91h, A1h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
TFLWM2
TFLWM1
TFLWM0
RFHWM2
RFHWM1
RFHWM0
Default
0
0
0
0
0
0
0
0
Bits 0 to 2/Receive FIFO High-Watermark Select (RFHWM0 to RFHWM2)
RFHWM2
RFHWM1
RFHWM0
Receive FIFO Watermark
(bytes)
0
0
0
4
0
0
1
16
0
1
0
32
0
1
1
48
1
0
0
64
1
0
1
80
1
1
0
96
1
1
1
112
Bits 3 to 5/Transmit FIFO Low-Watermark Select (TFLWM0 to TFLWM2)
TFLWM2
TFLWM1
TFLWM0
Transmit FIFO Watermark
(bytes)
0
0
0
4
0
0
1
16
0
1
0
32
0
1
1
48
1
0
0
64
1
0
1
80
1
1
0
96
1
1
1
112
Bits 6, 7/Unused, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com