Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 138 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 138 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 134Page - Dallas Semiconductor DS2156 Datasheet HTML 135Page - Dallas Semiconductor DS2156 Datasheet HTML 136Page - Dallas Semiconductor DS2156 Datasheet HTML 137Page - Dallas Semiconductor DS2156 Datasheet HTML 138Page - Dallas Semiconductor DS2156 Datasheet HTML 139Page - Dallas Semiconductor DS2156 Datasheet HTML 140Page - Dallas Semiconductor DS2156 Datasheet HTML 141Page - Dallas Semiconductor DS2156 Datasheet HTML 142Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 262 page
background image
DS2156
138 of 262
Register Name:
H1RTSBS, H2RTSBS
Register Description:
HDLC # 1 Receive Time Slot Bits/Sa Bits Select
HDLC # 2 Receive Time Slot Bits/Sa Bits Select
Register Address:
96h, A6h
Bit #
7
6
5
4
3
2
1
0
Name
RCB8SE
RCB7SE
RCB6SE
RCB5SE
RCB4SE
RCB3SE
RCB2SE
RCB1SE
Default
0
0
0
0
0
0
0
0
Bit 0/Receive Channel Bit 1 Suppress Enable/Sa8 Bit Enable (RCB1SE ). LSB of the channel. Set to 1 to stop
this bit from being used.
Bit 1/Receive Channel Bit 2 Suppress Enable/Sa7 Bit Enable (RCB2SE). Set to 1 to stop this bit from being
used.
Bit 2/Receive Channel Bit 3 Suppress Enable/Sa6 Bit Enable (RCB3SE). Set to 1 to stop this bit from being
used.
Bit 3/Receive Channel Bit 4 Suppress Enable/Sa5 Bit Enable (RCB4SE). Set to 1 to stop this bit from being
used.
Bit 4/Receive Channel Bit 5 Suppress Enable/Sa4 Bit Enable (RCB5SE). Set to 1 to stop this bit from being
used.
Bit 5/Receive Channel Bit 6 Suppress Enable (RCB6SE). Set to 1 to stop this bit from being used.
Bit 6/Receive Channel Bit 7 Suppress Enable (RCB7SE). Set to 1 to stop this bit from being used.
Bit 7/Receive Channel Bit 8 Suppress Enable (RCB8SE). MSB of the channel. Set to 1 to stop this bit from
being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com