| Electronic Components Datasheet Search |
|
DS2156 Datasheet(PDF) 144 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2156 Datasheet(HTML) 144 Page - Dallas Semiconductor |
|
144 / 262 page ![]() DS2156 144 of 262 22.3.3 FIFO Information The transmit FIFO buffer-available register indicates the number of bytes that can be written into the transmit FIFO. The count form this register informs the host as to how many bytes can be written into the transmit FIFO without overflowing the buffer. Register Name: H1TFBA, H2TFBA Register Description: HDLC # 1 Transmit FIFO Buffer Available HDLC # 2 Transmit FIFO Buffer Available Register Address: 9Fh, Afh Bit # 7 6 5 4 3 2 1 0 Name TFBA7 TFBA6 TFBA5 TFBA4 TFBA3 TFBA2 TFBA1 TFBA0 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/Transmit FIFO Bytes Available (TFBAO to TFBA7). TFBA0 is the LSB. 22.3.4 Receive Packet-Bytes Available The lower 7 bits of the receive packet-bytes available register indicates the number of bytes (0 through 127) that can be read from the receive FIFO. The value indicated by this register (lower seven bits) informs the host as to how many bytes can be read from the receive FIFO without going past the end of a message. This value refers to one of four possibilities: the first part of a packet, the continuation of a packet, the last part of a packet, or a complete packet. After reading the number of bytes indicated by this register, the host then checks the HDLC information register for detailed message status. If the value in the HxRPBA register refers to the beginning portion of a message or continuation of a message, then the MSB of the HxRPBA register returns a value of 1. This indicates that the host can safely read the number of bytes returned by the lower seven bits of the HxRPBA register, but there is no need to check the information register since the packet has not yet terminated (successfully or otherwise). Register Name: H1RPBA, H2RPBA Register Description: HDLC # 1 Receive Packet Bytes Available HDLC # 2 Receive Packet Bytes Available Register Address: 9Ch, ACh Bit # 7 6 5 4 3 2 1 0 Name MS RPBA6 RPBA5 RPBA4 RPBA3 RPBA2 RPBA1 RPBA0 Default 0 0 0 0 0 0 0 0 Bits 0 to 6/Receive FIFO Packet Bytes Available Count (RPBA0 to RPBA6). RPBA0 is the LSB. Bit 7/Message Status (MS) 0 = bytes indicated by RPBA0 through RPBA6 are the end of a message. Host must check the INFO5 or INFO6 register for details. 1 = bytes indicated by RPBA0 through RPBA6 are the beginning or continuation of a message. The host does not need to check the INFO5 or INFO6 register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |