Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 148 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 148 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 144Page - Dallas Semiconductor DS2156 Datasheet HTML 145Page - Dallas Semiconductor DS2156 Datasheet HTML 146Page - Dallas Semiconductor DS2156 Datasheet HTML 147Page - Dallas Semiconductor DS2156 Datasheet HTML 148Page - Dallas Semiconductor DS2156 Datasheet HTML 149Page - Dallas Semiconductor DS2156 Datasheet HTML 150Page - Dallas Semiconductor DS2156 Datasheet HTML 151Page - Dallas Semiconductor DS2156 Datasheet HTML 152Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 262 page
background image
DS2156
148 of 262
22.5.3
Transmit Section
The transmit section shifts out into the T1 data stream either the FDL (in the ESF framing mode) or the
Fs bits (in the D4 framing mode) contained in the transmit FDL register (TFDL). When a new value is
written to the TFDL, it is multiplexed serially (LSB first) into the proper position in the outgoing T1 data
stream. After the full 8 bits have been shifted out, the framer signals the host microcontroller by setting
the SR8.2 bit to a 1 that the buffer is empty and that more data is needed. The INT also toggles low if
enabled through IMR8.2. The user has 2ms to update the TFDL with a new value. If the TFDL is not
updated, the old value in the TFDL is transmitted once again. The framer also contains a zero stuffer that
is controlled through the T1TCR2.5 bit. In both ANSI T1.403 and TR54016, communications on the FDL
follows a subset of an LAPD protocol. The LAPD protocol states that no more than five 1s should be
transmitted in a row so that the data does not resemble an opening or closing flag (01111110) or an abort
signal (11111111). If enabled through T1TCR2.5, the framer automatically looks for five 1s in a row. If it
finds such a pattern, it automatically inserts a 0 after the five 1s. The T1TCR2.5 bit should always be set
to a 1 when the framer is inserting the FDL.
Register Name:
TFDL
Register Description:
Transmit FDL Register
Register Address:
C1h
Bit #
7
6
5
4
3
2
1
0
Name
TFDL7
TFDL6
TFDL5
TFDL4
TFDL3
TFDL2
TFDL1
TFDL0
Default
0
0
0
0
0
0
0
0
Note: Also used to insert Fs framing pattern in D4 framing mode.
The transmit FDL register (TFDL) contains the FDL information that is to be inserted on a byte basis into the
outgoing T1 data stream. The LSB is transmitted first.
Bit 0/Transmit FDL Bit 0 (TFDL0). LSB of the transmit FDL code.
Bit 1/Transmit FDL Bit 1 (TFDL1)
Bit 2/Transmit FDL Bit 2 (TFDL2)
Bit 3/Transmit FDL Bit 3 (TFDL3)
Bit 4/Transmit FDL Bit 4 (TFDL4)
Bit 5/Transmit FDL Bit 5 (TFDL5)
Bit 6/Transmit FDL Bit 6 (TFDL6)
Bit 7/Transmit FDL Bit 7 (TFDL7). MSB of the transmit FDL code.
22.6 D4/SLC-96 Operation
In the D4 framing mode, the framer uses the TFDL register to insert the Fs framing pattern. To allow the
device to properly insert the Fs framing pattern, the TFDL register at address C1h must be programmed to
1Ch and the following bits must be programmed as shown:
T1TCR1.2 = 0 (source Fs data from the TFDL register)
T1TCR2.6 = 1 (allow the TFDL register to load on multiframe boundaries)
Since the SLC-96 message fields share the Fs-bit position, the user can access these message fields
through the TFDL and RFDL registers. Refer to Application Note 345: DS2141A, DS2151, DS2152 SLC-
96 for a detailed description about implementing an SLC-96 function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com