Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 150 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 150 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 146Page - Dallas Semiconductor DS2156 Datasheet HTML 147Page - Dallas Semiconductor DS2156 Datasheet HTML 148Page - Dallas Semiconductor DS2156 Datasheet HTML 149Page - Dallas Semiconductor DS2156 Datasheet HTML 150Page - Dallas Semiconductor DS2156 Datasheet HTML 151Page - Dallas Semiconductor DS2156 Datasheet HTML 152Page - Dallas Semiconductor DS2156 Datasheet HTML 153Page - Dallas Semiconductor DS2156 Datasheet HTML 154Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 262 page
background image
DS2156
150 of 262
Normally, the clock that is output at the RCLK pin is the recovered clock from the E1 AMI/HDB3 or T1
AMI/B8ZS waveform presented at the RTIP and RRING inputs. If the jitter attenuator is placed in the
receive path (as is the case in most applications), the jitter attenuator restores the RCLK to an
approximate 50% duty cycle. If the jitter attenuator is either placed in the transmit path or is disabled, the
RCLK output can exhibit slightly shorter high cycles of the clock. This is because of the highly over-
sampled digital-clock recovery circuitry. See the Receive AC Timing Characteristics in Section 36.3 for
more details. When no signal is present at RTIP and RRING, a receive carrier loss (RCL) condition
occurs and the RCLK is derived from the JACLK source.
23.2.1
Receive Level Indicator and Threshold Interrupt
The DS2156 reports the signal strength at RTIP and RRING in 2.5dB increments through RL3–RL0
located in Information Register 2 (INFO2). This feature is helpful when trouble-shooting line-
performance problems. The DS2156 can initiate an interrupt whenever the input falls below a certain
level through the input-level under-threshold indicator (SR1.7). Using the RLT0–RLT4 bits of the CCR4
register, the user can set a threshold in 2.5dB increments. The SR1.7 bit is set whenever the input level at
RTIP and RRING falls below the threshold set by the value in RLT0–RLT4. The level must remain
below the programmed threshold for approximately 50ms for this bit to be set.
23.2.2
Receive G.703 Synchronization Signal (E1 Mode)
The DS2156 is capable of receiving a 2.048MHz square-wave synchronization clock as specified in
Section 13 of ITU G.703, October 1998. In order to use the DS2156 in this mode, set the receive
synchronization clock enable (LIC3.2) = 1.
23.2.3
Monitor Mode
Monitor applications in both E1 and T1 require various flat gain settings for the receive-side circuitry.
The DS2156 can be programmed to support these applications through the monitor mode control bits
MM1 and MM0 in the LIC3 register (Figure 23-1).
Figure 23-1. Typical Monitor Application
PRIMARY
T1/E1 TERMINATING
DEVICE
MONITOR
PORT JACK
T1/E1 LINE
X
F
M
R
DS2156
Rt
Rm
Rm
SECONDARY T1/E1
TERMINATING
DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com