Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 153 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 153 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 149Page - Dallas Semiconductor DS2156 Datasheet HTML 150Page - Dallas Semiconductor DS2156 Datasheet HTML 151Page - Dallas Semiconductor DS2156 Datasheet HTML 152Page - Dallas Semiconductor DS2156 Datasheet HTML 153Page - Dallas Semiconductor DS2156 Datasheet HTML 154Page - Dallas Semiconductor DS2156 Datasheet HTML 155Page - Dallas Semiconductor DS2156 Datasheet HTML 156Page - Dallas Semiconductor DS2156 Datasheet HTML 157Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 262 page
background image
DS2156
153 of 262
23.7 LIU Control Registers
Register Name:
LIC1
Register Description:
Line Interface Control 1
Register Address:
78h
Bit #
7
6
5
4
3
2
1
0
Name
L2
L1
L0
EGL
JAS
JABDS
DJA
TPD
Default
0
0
0
0
0
0
0
0
Bit 0/Transmit Power-Down (TPD)
0 = powers down the transmitter and three-states the TTIP and TRING pins
1 = normal transmitter operation
Bit 1/Disable Jitter Attenuator (DJA)
0 = jitter attenuator enabled
1 = jitter attenuator disabled
Bit 2/Jitter Attenuator Buffer Depth Select (JABDS)
0 = 128 bits
1 = 32 bits (use for delay-sensitive applications)
Bit 3/Jitter Attenuator Select (JAS)
0 = place the jitter attenuator on the receive side
1 = place the jitter attenuator on the transmit side
Bit 4/Receive Equalizer Gain Limit (EGL). This bit controls the sensitivity of the receive equalizer.
T1 Mode
0 = -36dB (long haul)
1 = 15dB (limited long haul)
E1 Mode
0 = -10dB (short haul)
1 = -43dB (long haul)
Bits 5 to 7/Line Buildout Select (L0 to L2). When using the internal termination, the user needs only to select 000
for 75Ω operation or 001 for 120Ω operation below. This selects the proper voltage levels for 75Ω or 120Ω
operation. Using TT0 and TT1 of the LICR4 register, the user can then select the proper internal source
termination. Line buildouts 100 and 101 are for backwards compatibility with older products only.
E1 Mode
L2
L1
L0
Application
N (1)
Return Loss
Rt (1) (Ω)
0
0
0
75Ω normal
1:2
NM
0
0
0
1
120Ω normal
1:2
NM
0
1
0
0
75Ω with high return loss*
1:2
21dB
6.2
1
0
1
120Ω with high return loss*
1:2
21dB
11.6
*TT0 and TT1 of LIC4 register must be set to 0 in this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com