Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 156 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 156 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 152Page - Dallas Semiconductor DS2156 Datasheet HTML 153Page - Dallas Semiconductor DS2156 Datasheet HTML 154Page - Dallas Semiconductor DS2156 Datasheet HTML 155Page - Dallas Semiconductor DS2156 Datasheet HTML 156Page - Dallas Semiconductor DS2156 Datasheet HTML 157Page - Dallas Semiconductor DS2156 Datasheet HTML 158Page - Dallas Semiconductor DS2156 Datasheet HTML 159Page - Dallas Semiconductor DS2156 Datasheet HTML 160Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 262 page
background image
DS2156
156 of 262
Register Name:
LIC4
Register Description:
Line Interface Control 4
Register Address:
7Bh
Bit #
7
6
5
4
3
2
1
0
Name
CMIE
CMII
MPS1
MPS0
TT1
TT0
RT1
RT0
Default
0
0
0
0
0
0
0
0
Bits 0, 1/Receive Termination Select (RT0, RT1)
RT1
RT0
Internal Receive-Termination Configuration
0
0
Internal receive-side termination disabled
0
1
Internal receive-side 75Ω enabled
1
0
Internal receive-side 100Ω enabled
1
1
Internal receive-side 120Ω enabled
Bits 2, 3/Transmit Termination Select (TT0, TT1)
TT1
TT0
Internal Transmit-Termination Configuration
0
0
Internal transmit-side termination disabled
0
1
Internal transmit -side 75Ω enabled
1
0
Internal transmit -side 100Ω enabled
1
1
Internal transmit -side 120Ω enabled
Bits 4, 5/MCLK Prescaler for T1 Mode
MCLK
(MHz)
MPS1
MPS0
JAMUX
(LIC2.3)
1.544
0
0
0
3.088
0
1
0
6.176
1
0
0
12.352
1
1
0
2.048
0
0
1
4.096
0
1
1
8.192
1
0
1
16.384
1
1
1
Bits 4, 5/MCLK Prescaler for E1 Mode
MCLK
(MHz)
MPS1
MPS0
JAMUX
(LIC2.3)
2.048
0
0
0
4.096
0
1
0
8.192
1
0
0
16.384
1
1
0
Bit 6/CMI Invert (CMII)
0 = CMI normal at TTIP and RTIP
1 = invert CMI signal at TTIP and RTIP
Bit 7/CMI Enable (CMIE)
0 = disable CMI mode
1 = enable CMI mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com