Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 157 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 157 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 153Page - Dallas Semiconductor DS2156 Datasheet HTML 154Page - Dallas Semiconductor DS2156 Datasheet HTML 155Page - Dallas Semiconductor DS2156 Datasheet HTML 156Page - Dallas Semiconductor DS2156 Datasheet HTML 157Page - Dallas Semiconductor DS2156 Datasheet HTML 158Page - Dallas Semiconductor DS2156 Datasheet HTML 159Page - Dallas Semiconductor DS2156 Datasheet HTML 160Page - Dallas Semiconductor DS2156 Datasheet HTML 161Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 262 page
background image
DS2156
157 of 262
Register Name:
INFO2
Register Description:
Information Register 2
Register Address:
11h
Bit #
7
6
5
4
3
2
1
0
Name
BSYNC
BD
TCLE
TOCD
RL3
RL2
RL1
RL0
Default
0
0
0
0
0
0
0
0
Bits 0 to 3/Receive Level Bits (RL0 to RL3). Real-time bits
RL3
RL2
RL1
RL0
Receive Level (dB)
0
0
0
0
Greater than -2.5
0
0
0
1
-2.5 to -5.0
0
0
1
0
-5.0 to -7.5
0
0
1
1
-7.5 to -10.0
0
1
0
0
-10.0 to -12.5
0
1
0
1
-12.5 to -15.0
0
1
1
0
-15.0 to -17.5
0
1
1
1
-17.5 to -20.0
1
0
0
0
-20.0 to -22.5
1
0
0
1
-22.5 to -25.0
1
0
1
0
-25.0 to -27.5
1
0
1
1
-27.5 to -30.0
1
1
0
0
-30.0 to -32.5
1
1
0
1
-32.5 to -35.0
1
1
1
0
-35.0 to -37.5
1
1
1
1
Less than -37.5
Bit 4/Transmit Open-Circuit Detect (TOCD). A real-time bit that is set when the device detects that the TTIP
and TRING outputs are open-circuited.
Bit 5/Transmit Current-Limit Exceeded (TCLE). A real-time bit that is set when the 50mA (RMS) current
limiter is activated, whether the current limiter is enabled or not.
Bit 6/BOC Detected (BD). A real-time bit that is set high when the BOC detector is presently seeing a valid
sequence and set low when no BOC is currently being detected.
Bit 7/BERT Real-Time Synchronization Status (BSYNC). Real-time status of the synchronizer (this bit is not
latched). This bit is set when the incoming pattern matches for 32 consecutive bit positions. It is cleared when six
or more bits out of 64 are received in error. Refer to BSYNC in the BERT status register, SR9, for an interrupt-
generating version of this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com