Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 154 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 154 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 150Page - Dallas Semiconductor DS2156 Datasheet HTML 151Page - Dallas Semiconductor DS2156 Datasheet HTML 152Page - Dallas Semiconductor DS2156 Datasheet HTML 153Page - Dallas Semiconductor DS2156 Datasheet HTML 154Page - Dallas Semiconductor DS2156 Datasheet HTML 155Page - Dallas Semiconductor DS2156 Datasheet HTML 156Page - Dallas Semiconductor DS2156 Datasheet HTML 157Page - Dallas Semiconductor DS2156 Datasheet HTML 158Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 262 page
background image
DS2156
154 of 262
T1 Mode
L2
L1
L0
Application
N (1)
Return Loss
Rt (1) (Ω)
0
0
0
DSX-1 (0ft to 133ft) / 0dB CSU
1:2
NM
0
0
0
1
DSX-1 (133ft to 266ft)
1:2
NM
0
0
1
0
DSX-1 (266ft to 399ft)
1:2
NM
0
0
1
1
DSX-1 (399ft to 533ft)
1:2
NM
0
1
0
0
DSX-1 (533ft to 655ft)
1:2
NM
0
1
0
1
-7.5dB CSU
1:2
NM
0
1
1
0
-15dB CSU
1:2
NM
0
1
1
1
-22.5dB CSU
1:2
NM
0
Register Name:
LIC2
Register Description:
Line Interface Control 2
Register Address:
79h
Bit #
7
6
5
4
3
2
1
0
Name
ETS
LIRST
IBPV
TUA1
JAMUX
—
SCLD
CLDS
Default
0
0
0
0
0
0
0
0
Bit 0/Custom Line Driver Select (CLDS). Setting this bit to a 1 redefines the operation of the transmit line
driver. When this bit is set to a 1 and LIC1.5 = LIC1.6 = LIC1.7 = 0, the device generates a square wave at the
TTIP and TRING outputs instead of a normal waveform. When this bit is set to a 1 and LIC1.5 = LIC1.6 = LIC1.7
¹ 0, the device forces TTIP and TRING outputs to become open-drain drivers instead of their normal push-pull
operation. This bit should be set to 0 for normal operation of the device.
Bit 1/Short-Circuit Limit Disable (ETS = 1) (SCLD). Controls the 50mA (RMS) current limiter.
0 = enable 50mA current limiter
1 = disable 50mA current limiter
Bit 2/Unused, must be set to 0 for proper operation
Bit 3/Jitter Attenuator Mux (JAMUX). Controls the source for JACLK.
0 = JACLK sourced from MCLK (2.048MHz or 1.544MHz at MCLK)
1 = JACLK sourced from internal PLL (2.048MHz at MCLK)
Bit 4/Transmit Unframed All Ones (TUA1). The polarity of this bit is set such that the device transmits an all-
ones pattern on power-up or device reset. This bit must be set to a 1 to allow the device to transmit data. The
transmission of this data pattern is always timed off of the JACLK.
0 = transmit all ones at TTIP and TRING
1 = transmit data normally
Bit 5/Insert BPV (IBPV). A 0-to-1 transition on this bit causes a single BPV to be inserted into the transmit data
stream. Once this bit has been toggled from a 0 to a 1, the device waits for the next occurrence of three consecutive
1s to insert the BPV. This bit must be cleared and set again for a subsequent error to be inserted.
Bit 6/Line Interface Reset (LIRST). Setting this bit from a 0 to a 1 initiates an internal reset that resets the clock
recovery state machine and recenters the jitter attenuator. Normally this bit is only toggled on power-up. Must be
cleared and set again for a subsequent reset.
Bit 7/E1/T1 Select (ETS)
0 = T1 mode selected
1 = E1 mode selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com