Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 192 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 192 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 188Page - Dallas Semiconductor DS2156 Datasheet HTML 189Page - Dallas Semiconductor DS2156 Datasheet HTML 190Page - Dallas Semiconductor DS2156 Datasheet HTML 191Page - Dallas Semiconductor DS2156 Datasheet HTML 192Page - Dallas Semiconductor DS2156 Datasheet HTML 193Page - Dallas Semiconductor DS2156 Datasheet HTML 194Page - Dallas Semiconductor DS2156 Datasheet HTML 195Page - Dallas Semiconductor DS2156 Datasheet HTML 196Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 262 page
background image
DS2156
192 of 262
24.8 Receive FIFO Overrun
Receive FIFO overrun condition indicates that receive FIFO has been written with four cells before ATM
layer reads the cells. The four cells that cause receive FIFO overrun conditions are intact in receive FIFO,
and subsequent cells are not written into receive FIFO until ATM layer reads a cell from receive FIFO for
the port through UTOPIA-II interface. Receive FIFO overrun condition can optionally be made to raise
external interrupt by setting receive FIFO overrun interrupt mask bit U_RCR2.3.
24.9 UTOPIA Diagnostic Loopback
Diagnostic loopback toward the ATM layer side (UTOPIA side) can be enabled through receive control
register 2, U_RCR2.0. In diagnostic loopback, data, clock, and frame-pulse indication generated by the
transmit section of the DS2156 are used instead of the corresponding signals from the physical layer
device. Receive physical interface mode should be configured with the same value as transmit physical
interface mode. Receive active-edge selection bit should be configured as the opposite edge of that used
by the transmit section of the DS2156. It is possible to use the internally generated system clock divided
by 8 in place of TCLK for this mode when enabled with U_TCR2.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com