Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 188 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 188 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 184Page - Dallas Semiconductor DS2156 Datasheet HTML 185Page - Dallas Semiconductor DS2156 Datasheet HTML 186Page - Dallas Semiconductor DS2156 Datasheet HTML 187Page - Dallas Semiconductor DS2156 Datasheet HTML 188Page - Dallas Semiconductor DS2156 Datasheet HTML 189Page - Dallas Semiconductor DS2156 Datasheet HTML 190Page - Dallas Semiconductor DS2156 Datasheet HTML 191Page - Dallas Semiconductor DS2156 Datasheet HTML 192Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 262 page
background image
DS2156
188 of 262
Register Name:
U_RACC1
Register Description:
UTOPIA Receive-Assigned Cell Count Register 1
Register Address:
66h
Bit #
7
6
5
4
3
2
1
0
Name
RACC15
RACC14
RACC13
RACC12
RACC11
RACC10
RACC9
RACC8
Default
0
0
0
0
0
0
0
0
Bits0 to 7/Receive-Assigned Cell Count 8 to 15 (RACC8 to RACC15)
Register Name:
U_RACC2
Register Description:
UTOPIA Receive-Assigned Cell Count Register 2
Register Address:
67h
Bit #
7
6
5
4
3
2
1
0
Name
RACC7
RACC6
RACC5
RACC4
RACC3
RACC2
RACC1
RACC0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Receive-Assigned Cell Count 0 to 7 (RACC0 to RACC7)
The U_RACC1 and U_RACC2 registers are common registers for all ports. For software convenience, any of the
eight addresses can be used to access these registers. For reading the 16-bit receive assigned cell count for a port,
software has to write into the receive PMON-counter latch-enable register for the port before reading from these
registers. Reading from these registers without writing into the latch-enable register returns the old value that was
latched and not the current value of the receive-assigned cell count of a port. The assigned cell count value reflects
the number of cells written into receive FIFO that can be read by the ATM layer since last latching. Note that
whether or not the ATM layer dequeues cells from the receive FIFO, the assigned cell counter of a port is
incremented upon the reception of a valid ATM layer cell when cell delineation is in SYNC state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com