Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 186 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 186 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 182Page - Dallas Semiconductor DS2156 Datasheet HTML 183Page - Dallas Semiconductor DS2156 Datasheet HTML 184Page - Dallas Semiconductor DS2156 Datasheet HTML 185Page - Dallas Semiconductor DS2156 Datasheet HTML 186Page - Dallas Semiconductor DS2156 Datasheet HTML 187Page - Dallas Semiconductor DS2156 Datasheet HTML 188Page - Dallas Semiconductor DS2156 Datasheet HTML 189Page - Dallas Semiconductor DS2156 Datasheet HTML 190Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 262 page
background image
DS2156
186 of 262
Register Name:
U_RLCDIP
Register Description:
UTOPIA Receive LCD Integration Period Register
Register Address:
61h
Bit #
7
6
5
4
3
2
1
0
Name
RLIP7
RLIP6
RLIP5
RLIP4
RLIP3
RLIP2
RLIP1
RLIP0
Default
0
1
1
0
0
1
1
0
Bits 0 to 7/Receive LCD Integration Period (RLIP0 to RLIP7)
This 8-bit register holds the LCD integration period value for which the out-of-cell delineation condition must
persist for declaring loss-of-cell delineation (LCD). For deasserting LCD, cell delineation should persist in the
SYNC state for the same amount of time programmed in this register. LCD state change condition can be
programmed to generate an external interrupt through U_RCR2.4. A value of 0 programmed into this register
declares LCD for every OCD condition at the resolution of the internal system clock period. The internal system
clock is 8x the line clock [16.383MHz (E1 mode) and 12.352MHz (T1 mode)].
IT = Integration Time in ms
For E1 mode, register value = IT / 1ms
For T1 mode, register value = IT / 1.326ms
For example, in E1 mode a register value of 64h (100) generates a 100ms integration time. In T1 mode, a register
value of 4Bh (75) generates a 100ms integration time.
Register Name:
U_RPCE
Register Description:
UTOPIA Receive PMON-Counter Enable Register
Register Address:
62h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
—
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/The host should always write 0x00 to this register when latching the receive PMON counter.
This register is provided for latching all receive PMON-counter values, namely the 16-bit receive assigned cell-
count value, 12-bit receive uncorrectable HEC-count value, and 8-bit receive correctable HEC-count value of a port
into the common receive assigned cell-counter latch register, receive uncorrectable HEC-counter latch register, and
receive correctable HEC-count latch register, respectively. A write into this register clears the receive PMON
counters for that port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com