Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 182 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 182 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 178Page - Dallas Semiconductor DS2156 Datasheet HTML 179Page - Dallas Semiconductor DS2156 Datasheet HTML 180Page - Dallas Semiconductor DS2156 Datasheet HTML 181Page - Dallas Semiconductor DS2156 Datasheet HTML 182Page - Dallas Semiconductor DS2156 Datasheet HTML 183Page - Dallas Semiconductor DS2156 Datasheet HTML 184Page - Dallas Semiconductor DS2156 Datasheet HTML 185Page - Dallas Semiconductor DS2156 Datasheet HTML 186Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 262 page
background image
DS2156
182 of 262
Register Name:
U_TPCL
Register Description:
UTOPIA Transmit PMON Counter Latch Register
Register Address:
51h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
—
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/The host should always write 0x00 to this register when latching the PMON counter.
This register is provided for latching in the 16-bit transmit assigned cell-count value of a port into the common
transmit assigned cell-counter latch register. For reading the transmit assigned cell-count value, software writes
into this register and then reads from transmit-assigned cell-counter MSB and LSB registers. A write into this
register clears the transmit-assigned cell-count value.
Register Name:
U_TACC1
Register Description:
UTOPIA Transmit-Assigned Cell-Count Register 1
Register Address:
52h
Bit #
7
6
5
4
3
2
1
0
Name
TACC15
TACC14
TACC13
TACC12
TACC11
TACC10
TACC9
TACC8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Transmit-Assigned Cell Count (TACC9 to TACC15)
Register Name:
U_TACC2
Register Description:
UTOPIA Transmit-Assigned Cell-Count Register 2
Register Address:
53h
Bit #
7
6
5
4
3
2
1
0
Name
TACC7
TACC6
TACC5
TACC4
TACC3
TACC2
TACC1
TACC0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Transmit-Assigned Cell Count (TACC0 to TACC7)
Transmit-assigned cell-count value reflects the number of ATM layer cells transmitted since last latching. For
reading the 16-bit transmit-assigned cell count for a port, software has to write into the transmit PMON-counter
latch-enable register for the port before reading these registers. Reading from these registers without writing into
the latch-enable register returns the old value that was latched and not the current MSB value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com