Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 185 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 185 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 181Page - Dallas Semiconductor DS2156 Datasheet HTML 182Page - Dallas Semiconductor DS2156 Datasheet HTML 183Page - Dallas Semiconductor DS2156 Datasheet HTML 184Page - Dallas Semiconductor DS2156 Datasheet HTML 185Page - Dallas Semiconductor DS2156 Datasheet HTML 186Page - Dallas Semiconductor DS2156 Datasheet HTML 187Page - Dallas Semiconductor DS2156 Datasheet HTML 188Page - Dallas Semiconductor DS2156 Datasheet HTML 189Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 262 page
background image
DS2156
185 of 262
Register Name:
U_TCR2
Register Description:
UTOPIA Transmit Control Register 2
Register Address:
57h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
FDC1
FDC0
TCES
—
TPLIM
—
Default
0
0
0
0
0
0
0
0
Bits 0, 2, 6, 7/Unassigned, must be set to 0 for proper operation
Bit 1/Transmit Physical-Layer Interface Mode (TPLIM)
0 = clock + data + frame-pulse indication combination
1 = gapped clock + data combination
Bit 3/Transmit Clear E1 Selection (TCES). When this bit is set = 0, TS16 and TS0 are automatically gapped out.
This is only meaningful when U_TCR2.1 is set = 0. E1TCR1.7 must be set = 1 if TCES = 1.
0 = TS16 and TS0 gapped out
1 = TS16 and TS0 not gapped out
Bits 4, 5/Transmit FIFO Depth Configuration Bits (FDC1, FDC0)
FDC1
FDC0
Cell Depth
0
0
4
0
1
3
1
0
2
1
1
Reserved
Register Name:
U_RCFR
Register Description:
UTOPIA Receive Configuration Register
Register Address:
60h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
RUPM
RPC
Default
0
0
0
0
0
0
0
0
Bit 0/Receive Port Configuration (RPC)
0 = T1 mode
1 = E1 mode
Bit 1/Receive UTOPIA Polling Mode (RUPM)
0 = multiplexed with 1CLAV mode
1 = direct status
Bits 2 to 7/Unassigned, should be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com