Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 187 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 187 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 183Page - Dallas Semiconductor DS2156 Datasheet HTML 184Page - Dallas Semiconductor DS2156 Datasheet HTML 185Page - Dallas Semiconductor DS2156 Datasheet HTML 186Page - Dallas Semiconductor DS2156 Datasheet HTML 187Page - Dallas Semiconductor DS2156 Datasheet HTML 188Page - Dallas Semiconductor DS2156 Datasheet HTML 189Page - Dallas Semiconductor DS2156 Datasheet HTML 190Page - Dallas Semiconductor DS2156 Datasheet HTML 191Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 262 page
background image
DS2156
187 of 262
Register Name:
U_RCHEC
Register Description:
UTOPIA Receive Correctable HEC Counter Register
Register Address:
63h
Bit #
7
6
5
4
3
2
1
0
Name
RCHC7
RCHC6
RCHC5
RCHC4
RCHC3
RCHC2
RCHC1
RCHC0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Receive Correctable HEC Counter (RCHC0 to RCHC7)
Note that write access to the receive PMON-counter latch-enable register latches all receive PMON-counter values
into temporary latch registers and clears the internal count values. This register holds the number of correctable
HEC-errored cells received since last latching. Note that this count corresponds to cells received when cell
delineation is in SYNC. A correctable HEC-errored cell is a cell with a single-bit error, provided single-bit HEC-
error correction is enabled through U_RCR1.1 and the receiver mode of operation is in correction mode.
Correctable HEC count value is unaffected if HEC-error correction is disabled.
Register Name:
U_RUHEC1
Register Description:
UTOPIA Receive Uncorrectable HEC Counter Register 1
Register Address:
64h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
RUHC11 RUHC10 RUHC9
RUHC8
Default
0
0
0
0
0
0
0
0
Bits 0 to 3/Receive Uncorrectable HEC Counter (RUHC8 to RUHC11)
Bits 4 to 7/Unused
Register Name:
U_RUHEC2
Register Description:
UTOPIA Receive Uncorrectable HEC Counter Register 2
Register Address:
65h
Bit #
7
6
5
4
3
2
1
0
Name
RUHC7
RUHC6
RUHC5
RUHC4
RUHC3
RUHC2
RUHC1
RUHC0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Receive Uncorrectable HEC Counter (RUHC0 to RUHC7)
The U_RUHEC1 and U_RUHEC2 registers count the number of uncorrectable HEC-errored cells received since
last latching. Note that this count corresponds to cells received when cell delineation is in SYNC. For every SYNC-
to-HUNT transition of the cell delineation state machine, the “Correctable + Uncorrectable” error-count value
increases by 6 instead of 7. For every SYNC-to-HUNT transition, if HEC correction is enabled, the correctable
HEC count increases by 1 and the uncorrectable HEC count increases by 5. If HEC correction is disabled,
correctable HEC count is not affected and uncorrectable HEC count increases by 6. Note that cell delineation goes
to HUNT state upon the reception of the 7th consecutive HEC pattern. Receive PMON counters are not updated
when cell delineation is out of SYNC state. Note that write access to the receive PMON-counter latch-enable
register latches internal receive PMON-counter values and clears them once they are latched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com