Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 183 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 183 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 179Page - Dallas Semiconductor DS2156 Datasheet HTML 180Page - Dallas Semiconductor DS2156 Datasheet HTML 181Page - Dallas Semiconductor DS2156 Datasheet HTML 182Page - Dallas Semiconductor DS2156 Datasheet HTML 183Page - Dallas Semiconductor DS2156 Datasheet HTML 184Page - Dallas Semiconductor DS2156 Datasheet HTML 185Page - Dallas Semiconductor DS2156 Datasheet HTML 186Page - Dallas Semiconductor DS2156 Datasheet HTML 187Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 262 page
background image
DS2156
183 of 262
Register Name:
U_TIUPB
Register Description:
UTOPIA Transmit Idle/Unassigned Payload Byte Register
Register Address:
54h
Bit #
7
6
5
4
3
2
1
0
Name
TIUP7
TIUP6
TIUP5
TIUP4
TIUP3
TIUP2
TIUP1
TIUP0
Default
0
1
1
0
1
0
1
0
Bits 0 to 7/Transmit Idle/Unassigned Payload (TIUP0 to TIUP7). Holds the payload byte to be carried in octets
of idle/unassigned cells, transmitted towards line for cell rate decoupling.
Register Name:
U_THEPR
Register Description:
UTOPIA Transmit HEC Error-Insertion Pattern Register
Register Address:
55h
Bit #
7
6
5
4
3
2
1
0
Name
HOFFP4
HOFFP3
HOFFP2
HOFFP1
HOFFP0
HONP2
HONP1
HONP0
Default
0
0
1
0
1
0
0
1
Bits 0 to 2/HEC On Period (HONP0 to HONP2). Holds the number of cells in which incorrect HEC is sent if
HEC error insertion is enabled.
Bits 3 to 7/HEC Off Period (HOFFP0 to HOFFP4). Holds the number of cells in which correct HEC is sent if
HEC error insertion is enabled.
If HEC error insertion in the transmit control register is enabled for a port, then for the HEC off period cells are
transmitted to the port with correct HEC. For the HEC on period, cells are sent with incorrect HEC. This cycle
repeats until HEC error insertion is disabled. Note that HEC error is introduced in all transmitted cells based on the
transmit HEC error-insertion pattern register, if the HEC error-insertion bit in the transmit control register is
enabled irrespective of whether the HEC insertion bit in the transmit control register is enabled or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com