Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 216 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 216 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 212Page - Dallas Semiconductor DS2156 Datasheet HTML 213Page - Dallas Semiconductor DS2156 Datasheet HTML 214Page - Dallas Semiconductor DS2156 Datasheet HTML 215Page - Dallas Semiconductor DS2156 Datasheet HTML 216Page - Dallas Semiconductor DS2156 Datasheet HTML 217Page - Dallas Semiconductor DS2156 Datasheet HTML 218Page - Dallas Semiconductor DS2156 Datasheet HTML 219Page - Dallas Semiconductor DS2156 Datasheet HTML 220Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 262 page
background image
DS2156
216 of 262
Figure 28-1. IBO Example
RSYSCLK
TSYSCLK
RSYNC
TSSYNC
RSIG
TSIG
TSER
RSER
RSYSCLK
TSYSCLK
RSIG
TSIG
TSER
RSER
RSYSCLK
TSYSCLK
RSIG
TSIG
TSER
RSER
RSYSCLK
TSYSCLK
RSIG
TSIG
TSER
RSER
8.192MHz SYSTEM CLOCK IN
SYSTEM 8kHz FRAME SYNC IN
PCM DATA OUT
PCM DATA IN
PCM SIGNALING OUT
PCM SIGNALING IN
RSYNC
TSSYNC
RSYNC
TSSYNC
RSYNC
TSSYNC
DS2156 #1
DS2156 #2
DS2156 #4
DS2156 #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com