Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 215 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 215 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 211Page - Dallas Semiconductor DS2156 Datasheet HTML 212Page - Dallas Semiconductor DS2156 Datasheet HTML 213Page - Dallas Semiconductor DS2156 Datasheet HTML 214Page - Dallas Semiconductor DS2156 Datasheet HTML 215Page - Dallas Semiconductor DS2156 Datasheet HTML 216Page - Dallas Semiconductor DS2156 Datasheet HTML 217Page - Dallas Semiconductor DS2156 Datasheet HTML 218Page - Dallas Semiconductor DS2156 Datasheet HTML 219Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 262 page
background image
DS2156
215 of 262
Register Name:
IBOC
Register Description:
Interleave Bus Operation Control Register
Register Address:
C5h
Bit #
7
6
5
4
3
2
1
0
Name
—
IBS1
IBS0
IBOSEL
IBOEN
DA2
DA1
DA0
Default
0
0
0
0
0
0
0
0
Bits 0 to 2/Device Assignment Bits (DA0 to DA2)
DA2
DA1
DA0
Device Position on Bus
0
0
0
1st
0
0
1
2nd
0
1
0
3rd
0
1
1
4th
1
0
0
5th
1
0
1
6th
1
1
0
7th
1
1
1
8th
Bit 3/Interleave Bus Operation Enable (IBOEN)
0 = IBO disabled
1 = IBO enabled
Bit 4/Interleave Bus Operation Select (IBOSEL). This bit selects channel or frame interleave mode.
0 = channel interleave
1 = frame interleave
Bits 5, 6/IBO Bus Size Bit 1 (IBS0 to IBS1). Indicates how many devices are on the bus.
IBS1
IBS0
Bus Size
0
0
Two devices on bus
0
1
Four devices on bus
1
0
Eight devices on bus
1
1
Reserved for future use
Bit 7/Unused, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com