Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 211 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 211 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 207Page - Dallas Semiconductor DS2156 Datasheet HTML 208Page - Dallas Semiconductor DS2156 Datasheet HTML 209Page - Dallas Semiconductor DS2156 Datasheet HTML 210Page - Dallas Semiconductor DS2156 Datasheet HTML 211Page - Dallas Semiconductor DS2156 Datasheet HTML 212Page - Dallas Semiconductor DS2156 Datasheet HTML 213Page - Dallas Semiconductor DS2156 Datasheet HTML 214Page - Dallas Semiconductor DS2156 Datasheet HTML 215Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 262 page
background image
DS2156
211 of 262
Register Name:
ERC
Register Description:
Error-Rate Control Register
Register Address:
EBh
Bit #
7
6
5
4
3
2
1
0
Name
WNOE
—
—
CE
ER3
ER2
ER1
ER0
Default
0
0
0
0
0
0
0
0
Bits 0 to 3/Error-Insertion Rate Select Bits (ER0 to ER3)
ER3
ER2
ER1
ER0
Error Rate
0
0
0
0
No errors inserted
0
0
0
1
1 in 16
0
0
1
0
1 in 32
0
0
1
1
1 in 64
0
1
0
0
1 in 128
0
1
0
1
1 in 256
0
1
1
0
1 in 512
0
1
1
1
1 in 1024
1
0
0
0
1 in 2048
1
0
0
1
1 in 4096
1
0
1
0
1 in 8192
1
0
1
1
1 in 16,384
1
1
0
0
1 in 32,768
1
1
0
1
1 in 65,536
1
1
1
0
1 in 131,072
1
1
1
1
1 in 262,144
Bit 4/Constant Errors (CE). When this bit is set high (and the ER0 to ER3 bits are not set to 0000), the error-
insertion logic ignores the number-of-error registers (NOE1, NOE2) and generates errors constantly at the selected
insertion rate. When CE is set to 0, the NOEx registers determine how many errors are to be inserted.
Bits 5, 6/Unused, must be set to 0 for proper operation
Bit 7/Write NOE Registers (WNOE). If the host wishes to update to the NOEx registers, this bit must be toggled
from a 0 to a 1 after the host has already loaded the prescribed error count into the NOEx registers. The toggling of
this bit causes the error count loaded into the NOEx registers to be loaded into the error-insertion circuitry on the
next clock cycle. Subsequent updates require that the WNOE bit be set to 0 and then 1 once again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com