| Electronic Components Datasheet Search |
|
DS2156 Datasheet(PDF) 207 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2156 Datasheet(HTML) 207 Page - Dallas Semiconductor |
|
207 / 262 page ![]() DS2156 207 of 262 26.5 BERT Bit Counter Once BERT has achieved synchronization, this 32-bit counter increments for each data bit (i.e., clock) received. Toggling the LC control bit in BC1 can clear this counter. This counter saturates when full and sets the BBCO status bit. Register Name: BBC1 Register Description: BERT Bit Count Register 1 Register Address: E3h Bit # 7 6 5 4 3 2 1 0 Name BBC7 BBC6 BBC5 BBC4 BBC3 BBC2 BBC1 BBC0 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/BERT Bit Counter Bits 0 to 7 (BBC0 to BBC7). BBC0 is the LSB of the 32-bit counter. Register Name: BBC2 Register Description: BERT Bit Count Register 2 Register Address: E4h Bit # 7 6 5 4 3 2 1 0 Name BBC15 BBC14 BBC13 BBC12 BBC11 BBC10 BBC9 BBC8 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/BERT Bit Counter Bits 8 to 15 (BBC8 to BBC15) Register Name: BBC3 Register Description: BERT Bit Count Register 3 Register Address: E5h Bit # 7 6 5 4 3 2 1 0 Name BBC23 BBC22 BBC21 BBC20 BBC19 BBC18 BBC17 BBC16 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/BERT Bit Counter Bits 16 to 23 (BBC16 to BBC23) Register Name: BBC4 Register Description: BERT Bit Count Register 4 Register Address: E6h Bit # 7 6 5 4 3 2 1 0 Name BBC31 BBC30 BBC29 BBC28 BBC27 BBC26 BBC25 BBC24 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/BERT Bit Counter Bits 24 to 31 (BBC24 to BBC31). BBC31 is the MSB of the 32-bit counter. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |