Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 209 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 209 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 205Page - Dallas Semiconductor DS2156 Datasheet HTML 206Page - Dallas Semiconductor DS2156 Datasheet HTML 207Page - Dallas Semiconductor DS2156 Datasheet HTML 208Page - Dallas Semiconductor DS2156 Datasheet HTML 209Page - Dallas Semiconductor DS2156 Datasheet HTML 210Page - Dallas Semiconductor DS2156 Datasheet HTML 211Page - Dallas Semiconductor DS2156 Datasheet HTML 212Page - Dallas Semiconductor DS2156 Datasheet HTML 213Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 262 page
background image
DS2156
209 of 262
Register Name:
BIC
Register Description:
BERT Interface Control Register
Register Address:
EAh
Bit #
7
6
5
4
3
2
1
0
Name
—
RFUS
—
TBAT
TFUS
—
BERTDIR
BERTEN
Default
0
0
0
0
0
0
0
0
Bit 0/BERT Enable (BERTEN)
0 = BERT disabled
1 = BERT enabled
Bit 1/BERT Direction (BERTDIR)
0 = network
BERT transmits toward the network (TTIP and TRING) and receives from the network (RTIP and
RRING). The BERT pattern can be looped back to the receiver internally by using the framer loopback
function.
1 = system
BERT transmits toward the system backplane (RSER) and receives from the system backplane (TSER).
Bits 2, 5, 7/Unused, must be set to 0 for proper operation
Bit 3/Transmit Framed/Unframed Select (TFUS)
0 = BERT does not source data into the F-bit position (framed)
1 = BERT does source data into the F-bit position (unframed)
Bit 4/Transmit Byte-Align Toggle (TBAT). A 0-to-1 transition forces the BERT to byte align its pattern with the
transmit formatter. This bit must be transitioned in order to byte align the Daly pattern.
Bit 6/Receive Framed/Unframed Select (RFUS)
0 = BERT is not sent data from the F-bit position (framed)
1 = BERT is sent data from the F-bit position (unframed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com