Electronic Components Datasheet Search
  English  ▼

X  

XRT8001IP Datasheet(PDF) 14 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 14 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 10Page - Exar Corporation XRT8001IP Datasheet HTML 11Page - Exar Corporation XRT8001IP Datasheet HTML 12Page - Exar Corporation XRT8001IP Datasheet HTML 13Page - Exar Corporation XRT8001IP Datasheet HTML 14Page - Exar Corporation XRT8001IP Datasheet HTML 15Page - Exar Corporation XRT8001IP Datasheet HTML 16Page - Exar Corporation XRT8001IP Datasheet HTML 17Page - Exar Corporation XRT8001IP Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
XRT8001
14
Rev. 1.01
2.5 The “High Speed – Reverse” Mode
In the “High Speed - Reverse” Mode, the XRT8001 will
accept a 64kHz clock signal via the “Reference Clock
Input" (FIN), and will output a “M x 2.048MHz” clock
signal (where M can be equal to 1, 2, 4 or 8) via the
CLK1 and/or CLK2 output pins.
Note: The XRT8001 will accept and sythesze these clock
frequencies independent of whether it has been configured
to operate in the "Master" or "Slave" Modes.
Figure 11. Illustration of the XRT8001 WAN Clock Operating in the
“High Speed – Reverse” Mode
Figure 11,
presents a simple illustration of the
XRT8001 WAN Clock operating in the “High Speed -
Reverse” Mode.
XRT8001
WAN Clock
FIN
CLK1
CLK2
64kHz
M x 2.048MHz
M = 1, 2, 4 or 8
M x 2.048MHz
M = 1, 2, 4 or 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com