Electronic Components Datasheet Search
  English  ▼

X  

XRT8001IP Datasheet(PDF) 37 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 37 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 33Page - Exar Corporation XRT8001IP Datasheet HTML 34Page - Exar Corporation XRT8001IP Datasheet HTML 35Page - Exar Corporation XRT8001IP Datasheet HTML 36Page - Exar Corporation XRT8001IP Datasheet HTML 37Page - Exar Corporation XRT8001IP Datasheet HTML 38Page - Exar Corporation XRT8001IP Datasheet HTML 39Page - Exar Corporation XRT8001IP Datasheet HTML 40Page - Exar Corporation XRT8001IP Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
XRT8001
37
Rev. 1.01
This step configures the XRT8001 to operate in the
“High Speed – Reverse” Mode.
NOTE: If the user wishes to output a clock signal via the
“CLK1” output pin, then he/she should also write a “1” into
the “PL1EN” bit-field within Command Register, CR0.
STEP 3 – Write the binary expression “0000” into
bit-fields D4 through D1, within Command Register,
CR1, as illustrated below.
Command Register, CR1 (Address = 0x01)
D4
D3
D2
D1
D0
M4
M3
M2
M1
PL2EN
0
0
0
0
X
NOTE: If the user wishes to output a clock signal via the
CLK2 output pin, then he/she should also write a “1” into
the “PL2EN” bit-field within Command Register
STEP 4 – Specify the value for “M” (e.g., as in the “M
x 2.048MHz” clock signal) which is to output via the
“CLK1” output pin.
This is accomplished by reviewing Table 3 to deter-
mine the 5 bit binary value which corresponds with the
desired value of “M”. Afterwards, the user should write
this value into Command Register, CR2.
Value of “M”
Value to be written into the
Command Register, CR2
1
0000x
2
0001x
4
001xx
8
x1xx or 1xxx
Table 12: Relationship between the value of
“M”, and Value to be written into Command
Register, CR2 to configure the “CLK1” output
frequency
STEP 5 – Specify the value for “M” (e.g., as in the
“M x 2.048MHz” clock signal) which is to output via
the “CLK2” output pin.
This is accomplished by reviewing Table 4 to deter-
mine the 5 bit binary value corresponding with the
desired value of “M”. Afterwards, the user should write
this value into Command Register, CR3.
Value of
Value to be written into the
“M”
Command Register, CR3
1
0000x
2
0001x
4
001xx
8
x1xx or 1xxx
Table 13, The Relationship between the value of
“M”, and Value to be written into Command
Register, CR2 to configure the “CLK2” output
frequency
STEP 6 – Enable the desired output signals:
“SYNC”, “CLK1”, “CLK2” and “LOCKDET”.
This is accomplished by writing a “1” into the corre-
sponding bit-fields, within Command Register CR4, as
illustrated below.
Command Register, CR4 (Address = 0x04)
D4
D3
D2
D1
D0
SYNCEN
CLK1EN
CLK2EN
LDETDIS2 LDETDIS1
1
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com