Electronic Components Datasheet Search
  English  ▼

X  

XRT8001IP Datasheet(PDF) 18 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 14Page - Exar Corporation XRT8001IP Datasheet HTML 15Page - Exar Corporation XRT8001IP Datasheet HTML 16Page - Exar Corporation XRT8001IP Datasheet HTML 17Page - Exar Corporation XRT8001IP Datasheet HTML 18Page - Exar Corporation XRT8001IP Datasheet HTML 19Page - Exar Corporation XRT8001IP Datasheet HTML 20Page - Exar Corporation XRT8001IP Datasheet HTML 21Page - Exar Corporation XRT8001IP Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
XRT8001
18
Rev. 1.01
D0 – PL1EN (PLL # 1 Enable Select)
This bit-field permits the user to enable or disable PLL
# 1, within the XRT8001 WAN Clock. Setting this bit-
field to “1” enables PLL # 1 for Frequency Synthesis.
Conversely, setting this bit-field to “0” disables PLL #
1 for Frequency Synthesis.
3.2.2 Command Register CR1 (Address = 0x01)
D4 – D1: (M4 – M1)
These bit-fields are used to support configuration
implementation for both the “Forward/Master” and “E1
to T1 - Forward/Master” Modes. In both the “Forward/
Master” and “E1 to T1 - Forward/Master” Modes, the
XRT8001 WAN Clock will be receiving either a “N x
1.544MHz” or a “N x 2.048MHz” clock signal. The M4
through M1 bit-fields, within this register, permit the
user to specify the value of “N”. As a consequence, the
XRT8001 can be configured to accept a maximum
frequency of “16 x 1.544MHz” or “16 x 2.048MHz”.
D0 – PL2EN (PLL # 2 Enable Select)
This bit-field permits the user to enable or disable PLL
# 2, within the XRT8001 WAN Clock. Setting this bit-
field to “1” enables PLL # 2 for Frequency Synthesis.
Conversely, setting this bit-field to “0” disables PLL #
2 for Frequency Synthesis.
3.2.3 Command Register CR2 (Address = 0x02)
D4 – D0 (SEL1[4:0])
These bit-fields are used to support configuration
implementation for both the “Forward/Master”, “Frac-
tional T1/E1 Reverse/Master” and “High Speed – Re-
verse” Modes.
In the Forward/Master Mode
In the “Forward/Master” Mode, the XRT8001 WAN
Clock will output either a “K x 56kHz” or a “K x 64kHz”
clock signal via the CLK1 output pin. These five (5) bit-
fields within Command Register CR2 are used to define
the value of “K” for the CLK1 Output. As a conse-
quence, the XRT8001 can be configured to generate a
maximum frequency of “32 x 56kHz” or “32 x 64kHz” via
the CLK1 output pin.
In the “Fractional T1/E1 Reverse/Master” Mode
In the “Fractional T1/E1 Reverse/Master” Mode, the
XRT8001 WAN Clock will be receiving either a “P x
56kHz” or a “P x 64kHz” clock signal via the “FIN” input
pin. The XRT8001 WAN Clock will, in response, gen-
erate either a 1.544MHz or a 2.048MHz clock signal via
the CLK1 and/or CLK2 output pins. These five (5) bit-
fields are used to define the value of “P”.
As a
consequence, the XRT8001 can be configured to
accept a maximum frequency of “32 x 56kHz” or “32 x
64kHz”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com