Electronic Components Datasheet Search
  English  ▼

X  

XRT8001IP Datasheet(PDF) 20 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 20 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 16Page - Exar Corporation XRT8001IP Datasheet HTML 17Page - Exar Corporation XRT8001IP Datasheet HTML 18Page - Exar Corporation XRT8001IP Datasheet HTML 19Page - Exar Corporation XRT8001IP Datasheet HTML 20Page - Exar Corporation XRT8001IP Datasheet HTML 21Page - Exar Corporation XRT8001IP Datasheet HTML 22Page - Exar Corporation XRT8001IP Datasheet HTML 23Page - Exar Corporation XRT8001IP Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
XRT8001
20
Rev. 1.01
LDETDIS[2:1]
Signal output via the LOCKDET Signal
00
The LOCK Condition of PLL1 AND PLL2
With this selection, the LOCKDET output pin will be “high” if either one of the
following conditions are true.
a.
If both PLL1 and PLL2 are in the “LOCK” condition, (applies if both PLL1 and
PLL2 are enabled) or
b.
If the only enabled PLL is in the “LOCK” condition (applies only if one of the
PLLs are enabled).
01
The LOCK Condition of PLL2 Only
With this selection, only the “LOCK” state of PLL2 will be reflected in the LOCKDET
output pin.
LOCKDET = “high” if PLL2 is in “LOCK”.
LOCKDET = “low” if PLL2 is out of “LOCK”.
10
The LOCK Condition of PLL1 Only
With this selection, only the “LOCK” state of PLL1 will be reflected in the LOCKDET
output pin.
LOCKDET = “high” if PLL1 is in “LOCK”.
LOCKDET = “low” if PLL1 is out of “LOCK”.
11
LOCKDET will be unconditionally pulled to “LOW”
Table 3. Relationship Between the Values of the LDETDIS[2:1]
Bit-Fields and the Meaning of the LOCKDET Output Signal
4.0 Instructions for Configuring the XRT8001 WAN
Clock
As mentioned earlier, the XRT8001 WAN Clock can be
configured to operate in the following modes:
• The “Forward/Master” Mode
• The “Reverse/Master” Mode
• The “Fractional T1/E1 Reverse/Master” Mode
• The “E1 to T1 – Forward/Master” Mode
• The “High Speed – Reverse” Mode
• The “Forward/Slave” Mode
A detailed description of the operation and the configu-
ration steps for each of these configurations follows.
4.1 The “Forward/Master” Mode.
When the XRT8001 WAN Clock has been configured to
operate in the “Forward/Master” Mode, then it will
accept an “N x 1.544MHz” or an “N x 2.048MHz” clock
signal via the “Reference Clock” input at FIN (pin 3);
where “N” can range anywhere between 1 and 16. In
response to this clock signal, the XRT8001 WAN Clock
will output either a “K x 56kHz” or a “K x 64kHz” clock
signal, via the Clock Output pins (CLK1 and/or CLK2).
A simple illustration of the XRT8001 WAN Clock,
operating in the “Forward/Master” Mode is shown in
figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com