Electronic Components Datasheet Search
  English  ▼

X  

XRT8001IP Datasheet(PDF) 15 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 15 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 11Page - Exar Corporation XRT8001IP Datasheet HTML 12Page - Exar Corporation XRT8001IP Datasheet HTML 13Page - Exar Corporation XRT8001IP Datasheet HTML 14Page - Exar Corporation XRT8001IP Datasheet HTML 15Page - Exar Corporation XRT8001IP Datasheet HTML 16Page - Exar Corporation XRT8001IP Datasheet HTML 17Page - Exar Corporation XRT8001IP Datasheet HTML 18Page - Exar Corporation XRT8001IP Datasheet HTML 19Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
XRT8001
15
Rev. 1.01
2.6 The “Forward/Slave” Mode
In the “Forward/Slave” Mode, the XRT8001 will
accept an 8kHz clock signal via the Reference
Clock Input (FIN), and will output a “L x 64kHz or L
x 56kHz” clock signal (where L can range from 1 to
32) via the CLK1 and CLK2 output pins.
Figure 12. Illustration of the XRT8001 WAN Clock
Operating in the “Forward/Slave” Mode
Figure 12 presents a simple illustration of the
XRT8001 WAN Clock operating in the “Forward/
Slave” Mode.
XRT8001
WAN Clock
FIN
CLK1
CLK2
8kHz
L x 56kHz
or
L x 64kHz
Where 1 < L < 32
L x 56kHz
or
L x 64kHz
Where 1 < L < 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com