Electronic Components Datasheet Search
  English  ▼

X  

XRT8001IP Datasheet(PDF) 42 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 42 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 38Page - Exar Corporation XRT8001IP Datasheet HTML 39Page - Exar Corporation XRT8001IP Datasheet HTML 40Page - Exar Corporation XRT8001IP Datasheet HTML 41Page - Exar Corporation XRT8001IP Datasheet HTML 42Page - Exar Corporation XRT8001IP Datasheet HTML 43Page - Exar Corporation XRT8001IP Datasheet HTML 44Page - Exar Corporation XRT8001IP Datasheet HTML 45Page - Exar Corporation XRT8001IP Datasheet HTML 46Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
XRT8001
42
Rev. 1.01
Command Register, CR1 (Address = 0x01)
D4
D3
D2
D1
D0
M4
M3
M2
M1
PL2EN
0
0
0
0
1
NOTE: In order to synthesize and output a clock signal via
the “CLK2” output, the user must write a “1” into the “D0
(PL2EN) bit-field within Command Register, CR1, as
illustrated above.
The values within Command Registers CR2 and CR3
are “don’t care”.
STEP 4 – Enable the desired output signals: SYNC,
CLK1, CLK2, and LOCKDET.
This is accomplished by writing a “1” into the corre-
sponding bit-field, within Command Register, CR4, as
illustrated below.
Command Register, CR4 (Address = 0x04)
D4
D3
D2
D1
D0
SYNCEN
CLK1EN CLK2EN LDETDIS2 LDETDIS1
1
1
1
1
1
Once the user has executed these four (4) steps, then
the circuitry in Figure 24 is configured to accept a
1.544MHz clock signal (from the T1/E1 LIU) and
synthesize a 1.544MHz clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com