Electronic Components Datasheet Search
  English  ▼

X  

MB3771 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB3771 Datasheet HTML 1Page - Cypress Semiconductor MB3771 Datasheet HTML 2Page - Cypress Semiconductor MB3771 Datasheet HTML 3Page - Cypress Semiconductor MB3771 Datasheet HTML 4Page - Cypress Semiconductor MB3771 Datasheet HTML 5Page - Cypress Semiconductor MB3771 Datasheet HTML 6Page - Cypress Semiconductor MB3771 Datasheet HTML 7Page - Cypress Semiconductor MB3771 Datasheet HTML 8Page - Cypress Semiconductor MB3771 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MB3771
Document Number: 002-08511 Rev. *A
Page 4 of 24
3. Functional Descriptions
Comparators Comp.A and Comp.B apply a hysteresis to the detected voltage, so that when the voltage at either the VSA or VSB pin
falls below 1.23 V the RESET output signal goes to “low” level.
Comp. B may be used to detect any given voltage(8.Application Circuit 8.3 : Arbitrary Voltage Supply Monitor), and can also be used
as a forced reset pin (with reset hold time) with TTL input (8.Application Circuit 8.6 : 5V Power Supply Monitor with forced RESET input
(VCC = 5 V) ).
Note that if Comp.B is not used, the VSB pin should be connected to the VCC pin (8.Application Circuit 8.1 : 5V Power Supply Monitor).
Instantaneous breaks or drops in the power supply can be detected as abnormal conditions by the MB3771 within a 2
s interval.
However because momentary breaks or drops of this duration do not cause problems in actual systems in some cases, a delayed
trigger function can be created by connecting capacitors to the VSA or VSB pin (8.Application Circuit 8.8 : Supply Voltage Monitoring
with Delayed Trigger).
Because the RESET output has built-in pull-up resistance, there is no need to connect to external pull-up resistance when connected
to a high impedance load such as a CMOS logic IC.
Comparator Comp. C is an open-collector output comparator without hysteresis, in which the polarity of input/output characteristics
is reversed. Thus Comp. C is useful for over-voltage detection (8.Application Circuit 8.11 : Low Voltage and Over Voltage Detection
(VCC = 5 V) ) and positive logic RESET signal output (8.Application Circuit 8.7 : 5 V Power Supply Monitor with Non-inverted RESET),
as well as for creating a reference voltage (8.Application Circuit 8.10 : Reference Voltage Generation and Voltage Sagging Detection).
Note that if Comp. C is not used, the VSC pin should be connected to the GND pin (Application Circuit 1 : 5V Power Supply Monitor).
4. Function Explanation
1. When VCC rises to about 0.8V, RESET goes low.
2. When VCC reaches VS +VHYS, CT then begins charging. RESET remains low during this time
3. RESET goes high when CT begins charging.
TPO := CT × 10 5 (Refer to “CT pin capacitance vs. reset hold time” in “9.Typical Characteristics”.)
4. When VCC level drops lower then VS, then RESET goes low and CT starts discharging.
5. When VCC level reaches VS + VHYS, then CT starts charging.
In the case of voltage sagging, if the period from the time VCC goes lower than or equal to VS to the time VCC reaches VS +VHYS
again, is longer than tPI, (as specified in the 7.2.AC Characteristics), CT is discharged and charged successively.
6. After TPO passes, and VCC level exceeds VS + VHYS, then RESET goes high.
7. Same as Point 4.
8. RESET remains low until VCC drops below 0.8V.
VCC
CT
RESET
1
2
3
4
8
7
6
5
RESET
VCC
VS
0.8 V
VHYS
(1)
(2)
(3)
(4) (5) (6)
(7)
(8)
TPO
TPO
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com