Electronic Components Datasheet Search
  English  ▼

X  

MB3771 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB3771 Datasheet HTML 6Page - Cypress Semiconductor MB3771 Datasheet HTML 7Page - Cypress Semiconductor MB3771 Datasheet HTML 8Page - Cypress Semiconductor MB3771 Datasheet HTML 9Page - Cypress Semiconductor MB3771 Datasheet HTML 10Page - Cypress Semiconductor MB3771 Datasheet HTML 11Page - Cypress Semiconductor MB3771 Datasheet HTML 12Page - Cypress Semiconductor MB3771 Datasheet HTML 13Page - Cypress Semiconductor MB3771 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MB3771
Document Number: 002-08511 Rev. *A
Page 10 of 24
8.4 5 V and 12 V Power Supply Monitor (2 types of power supply monitor VCC1 = 5 V, VCC2 =12 V)
■ 5 V is monitored by VSA. Detection voltage is about 4.2 V
■ 12 V is monitored by VSB. When R1 = 390 k and R2 = 62 k, Detection voltage is about 9.0 V.Generally the detection voltage is
determined by the following equation.
Detection Voltage = (R1 + R2) VSB/R2
8.5 5 V and 12 V Power Supply Monitor (RESET signal is generated by 5 V, VCC1 = 5 V, VCC2 = 12 V)
■ 5 V is monitored by VSA, and generates RESET signal when VSA detects voltage sagging.
■ 12 V is monitored by VSC, and generates its detection signal at OUTC.
■ The detection voltage of 12 V monitoring and its hysteresis is determined by the following equations.
Detection voltage =
R1 + R2 + R3 V
SC
(8.95 V in the circuit above)
R2 + R3
Hysteresis width =
R1 (R3 R3 // R4)
VSC
(200 mV in the circuit above)
(R2 + R3) (R2 + R3 // R4)
VCC2
CT
MB3771
1
2
3
4
8
7
6
5
R1: 390 k
Ω
R2: 62 k
Ω
RESET
VCC1
Logic
circuit
VCC2
CT
MB3771
1
2
3
4
8
7
6
5
R1: 390 k
Ω
R2: 33 k
Ω
RESET
VCC1
IRQ
R L: 10 k
Ω
R5: 100 k
Ω
R3: 30 k
Ω
R4: 510 k
Ω
or
Port Logic Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com