Electronic Components Datasheet Search
  English  ▼

X  

MB3771 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB3771 Datasheet HTML 16Page - Cypress Semiconductor MB3771 Datasheet HTML 17Page - Cypress Semiconductor MB3771 Datasheet HTML 18Page - Cypress Semiconductor MB3771 Datasheet HTML 19Page - Cypress Semiconductor MB3771 Datasheet HTML 20Page - Cypress Semiconductor MB3771 Datasheet HTML 21Page - Cypress Semiconductor MB3771 Datasheet HTML 22Page - Cypress Semiconductor MB3771 Datasheet HTML 23Page - Cypress Semiconductor MB3771 Datasheet HTML 24Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
MB3771
Document Number: 002-08511 Rev. *A
Page 22 of 24
16. Package Dimensions
8-pin plastic SOP
Lead pitch
1.27 mm
Package width
×
package length
5.3
× 6.35 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
2.25 mm MAX
Weight
0.10 g
Code
(Reference)
P-SOP8-5.3
×6.35-1.27
8-pin plastic SOP
(FPT-8P-M01)
(FPT-8P-M01)
C
2002 FUJITSU LIMITED F08002S-c-6-7
0.13(.005) M
Details of "A" part
7.80±0.40
5.30±0.30
(.209±.012) (.307±.016)
.250 –.008
+.010
–0.20
+0.25
6.35
INDEX
1.27(.050)
0.10(.004)
14
5
8
0.47±0.08
(.019±.003)
–0.04
+0.03
0.17
.007
+.001
–.002
"A"
0.25(.010)
(Stand off)
0~8˚
(Mounting height)
2.00
+0.25
–0.15
.079
+.010
–.006
0.50±0.20
(.020±.008)
0.60±0.15
(.024±.006)
0.10
+0.10
–0.05
–.002
+.004
.004
*1
0.10(.004)
*2
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) *1 : These dimensions include resin protrusion.
Note 2) *2 : These dimensions do not include resin protrusion.
Note 3)Pins width and pins thickness include plating thickness.
Note 4) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com