Electronic Components Datasheet Search
  English  ▼

X  

MB3771 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB3771 Datasheet HTML 5Page - Cypress Semiconductor MB3771 Datasheet HTML 6Page - Cypress Semiconductor MB3771 Datasheet HTML 7Page - Cypress Semiconductor MB3771 Datasheet HTML 8Page - Cypress Semiconductor MB3771 Datasheet HTML 9Page - Cypress Semiconductor MB3771 Datasheet HTML 10Page - Cypress Semiconductor MB3771 Datasheet HTML 11Page - Cypress Semiconductor MB3771 Datasheet HTML 12Page - Cypress Semiconductor MB3771 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MB3771
Document Number: 002-08511 Rev. *A
Page 9 of 24
8.3 Arbitrary Voltage Supply Monitor
8.3.1 Case: VCC
18 V
■ Detection Voltage can be set by R1 and R2.
Detection Voltage = (R1 + R2)  VSB/R2
■ Connect Pin 7 to VCC when VCC less than 4.45 V.
■ Pin 7 can be opened when VCC greater than 4.45 V
Power Dissipation can be reduced.
Note: Hysteresis of 28 mV at VSB at termination is available.
Hysteresis width dose not depend on (R1 + R2).........
8.3.2 Monitoring VCC > 18 V
■ Detection Voltage can be set by R1 and R2
Detection Voltage = (R1 + R2) VSB/R2
■ The RESET signal output is := 0V (low level) and := 5 V (high level). VCC voltage cannot be output.
Do not pull up RESET to VCC.
■ Changing the resistance ratio between R4 and R5 changes the constant voltage output, thereby changing the voltage of the
high level RESET output. Note that the constant voltage output should not exceed 18 V.
■ The 5 V output can be used as a power supply for control circuits with low current consumption.
■ In setting the R3 resistance level, caution should be given to the power consumption in the resistor. The table below lists
sample resistance values for reference (using 1/4
 resistance).
■ Values are actual measured values (using IOUTC = 100 A, VOLC = 0.4 V). Lowering the resistance value of R3 reduces the
minimum supply voltage of the RESET output, but requires resistance with higher allowable loss.
VCC (V)
Detection
voltage (V)
RESET Output min. power
supply voltage (V)
R1 (MΩ)
R2 (kΩ)
R3 (kΩ)
Output Current
(mA)
140
100
6.7
1.6
20
110
< 0.2
100
81
3.8
1.3
20
56
< 0.5
40
33
1.4
0.51
20
11
< 1.6
VCC
CT
RESET
MB3771
1
2
3
4
8
7
6
5
R1
R2
VCC
CT
RESET
1
2
3
4
8
7
6
5
R3
R1
R2
R4
:
R5
:
33 k
Ω
0.47
μF
100 k
Ω
5 V output(Stablized)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com