Electronic Components Datasheet Search
  English  ▼

X  

MB3771 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB3771 Datasheet HTML 1Page - Cypress Semiconductor MB3771 Datasheet HTML 2Page - Cypress Semiconductor MB3771 Datasheet HTML 3Page - Cypress Semiconductor MB3771 Datasheet HTML 4Page - Cypress Semiconductor MB3771 Datasheet HTML 5Page - Cypress Semiconductor MB3771 Datasheet HTML 6Page - Cypress Semiconductor MB3771 Datasheet HTML 7Page - Cypress Semiconductor MB3771 Datasheet HTML 8Page - Cypress Semiconductor MB3771 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MB3771
Document Number: 002-08511 Rev. *A
Page 5 of 24
5. Absolute Maximum Ratings
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
6. Recommended Operating Conditions
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device.
All of the device’s electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges
may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users
considering application outside the listed conditions are advised to contact their Cypress representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Power supply voltage
VCC
0.3
+20
V
Input voltage
VSA
0.3
VCC + 0.3 ( < +20)
V
VSB
0.3
+20
V
VSC
0.3
+20
V
Power dissipation
PD
–
200 (Ta
85°C)
mW
Storage temperature
Tstg
55
+125
°C
Parameter
Symbol
Value
Unit
Min
Max
Power supply voltage
VCC
3.5
18
V
Output current
IRESET
020
mA
IOUTC
06mA
Operating ambient temperature
Ta
40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com