Electronic Components Datasheet Search
  English  ▼

X  

MB3771 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB3771 Datasheet HTML 3Page - Cypress Semiconductor MB3771 Datasheet HTML 4Page - Cypress Semiconductor MB3771 Datasheet HTML 5Page - Cypress Semiconductor MB3771 Datasheet HTML 6Page - Cypress Semiconductor MB3771 Datasheet HTML 7Page - Cypress Semiconductor MB3771 Datasheet HTML 8Page - Cypress Semiconductor MB3771 Datasheet HTML 9Page - Cypress Semiconductor MB3771 Datasheet HTML 10Page - Cypress Semiconductor MB3771 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MB3771
Document Number: 002-08511 Rev. *A
Page 7 of 24
7.2 AC Characteristics
(VCC = 5 V, Ta = + 25°C, CT = 0.01 F)
*1: In case of VSB termination.
*2: In case of VSC termination.
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
VSA, VSB input pulse width
tPI
–5.0
–
–
s
Reset hold time
tPO
–0.5
1.0
1.5
ms
RESET rise time
tr
RL = 2.2 k,
CL = 100 pF
–1.0
1.5
s
RESET fall time
tf
–0.1
0.5
s
Propagation delay time
tPD*1
–
–210
s
tPHL*2
RL = 2.2 k,
CL = 100 pF
–0.5
–
s
tPLH*2
–1.0
–
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com