Electronic Components Datasheet Search
  English  ▼

X  

MB3771 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB3771 Datasheet HTML 4Page - Cypress Semiconductor MB3771 Datasheet HTML 5Page - Cypress Semiconductor MB3771 Datasheet HTML 6Page - Cypress Semiconductor MB3771 Datasheet HTML 7Page - Cypress Semiconductor MB3771 Datasheet HTML 8Page - Cypress Semiconductor MB3771 Datasheet HTML 9Page - Cypress Semiconductor MB3771 Datasheet HTML 10Page - Cypress Semiconductor MB3771 Datasheet HTML 11Page - Cypress Semiconductor MB3771 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MB3771
Document Number: 002-08511 Rev. *A
Page 8 of 24
8. Application Circuit
8.1 5V Power Supply Monitor
Monitored by VSA. Detection threshold voltage is VSAL and VSAH
8.2 5V Power Supply Voltage Monitor (Externally Fine-Tuned Type)
The VSA detection voltage can be adjusted externally.
Resistance R1 and R2 are set sufficiently lower than the IC internal partial voltage resistance, so that the detection voltage can be set
using the ratio between resistance R1 and R2. (Refer to the table below).
■ R1, R2 calculation formula (when R1 << 100 k, R2 <<40 k)
VSAL := (R1 + R2 ) VSB /R2 [V], VSAH := (R1 + R2 ) (VSB + VHYSB) / R2 [V]
R1 (k)R2 (k)
Detection voltage : VSAL (V)
Detection voltage : VSAH (V)
10
3.9
4.37
4.47
9.1
3.9
4.11
4.20
VCC
CT
RESET
MB3771
1
2
3
4
8
7
6
5
Logic
circuit
VCC
CT
RESET
MB3771
1
2
3
4
8
7
6
5
R1
R2
Logic
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com