Electronic Components Datasheet Search
  English  ▼

X  

MAX8530 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8530
Description  Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8530 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8530 Datasheet HTML 4Page - Maxim Integrated Products MAX8530 Datasheet HTML 5Page - Maxim Integrated Products MAX8530 Datasheet HTML 6Page - Maxim Integrated Products MAX8530 Datasheet HTML 7Page - Maxim Integrated Products MAX8530 Datasheet HTML 8Page - Maxim Integrated Products MAX8530 Datasheet HTML 9Page - Maxim Integrated Products MAX8530 Datasheet HTML 10Page - Maxim Integrated Products MAX8530 Datasheet HTML 11Page - Maxim Integrated Products MAX8530 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Dual Low-Dropout Linear Regulators
with RESET or Low-Noise Output in UCSP or QFN
_______________________________________________________________________________________
9
1
2
IN
3
6
5
4
OUT1
RESET (BP*)
SHDN
GND
OUT2
THIN QFN
MAX8530ETT
(MAX8531ETT)
*MAX8531 ONLY
TOP VIEW
Chip Information
TRANSISTOR COUNT: 1720
PROCESS: BiCMOS
Output Voltage Selector Guide
PART
VOUT1
VOUT2
TOP MARK
MAX8530EBTJ2
2.85
1.8
ACR
MAX8530EBTJO
2.85
2.6
ACA
MAX8530EBTKG
2.8
3.0
ACT
MAX8530ETTP2
2.5
1.8
AET
MAX8530ETTO2
2.6
1.8
AES
MAX8530ETTK2
2.8
1.8
AER
MAX8530ETTKO
2.8
2.6
AEQ
MAX8531EBTJJ
2.85
2.85
ACG
MAX8531EBTGG
3.0
3.0
ACI
MAX8531ETTGG
3.0
3.0
AEF
Note: Contact the factory for other output voltages between
1.5V and 3.3V. The minimum order quantity is 25,000 units.
MAX8530EBT
(MAX8531EBT)
UCSP
A2
A3
A1
SHDN
GND
RESET
(BP*)
IN
OUT1
*MAX8531 ONLY
OUT2
B1
B2
B3
TOP VIEW
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com