Electronic Components Datasheet Search
  English  ▼

X  

MAX8530 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8530
Description  Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8530 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8530 Datasheet HTML 1Page - Maxim Integrated Products MAX8530 Datasheet HTML 2Page - Maxim Integrated Products MAX8530 Datasheet HTML 3Page - Maxim Integrated Products MAX8530 Datasheet HTML 4Page - Maxim Integrated Products MAX8530 Datasheet HTML 5Page - Maxim Integrated Products MAX8530 Datasheet HTML 6Page - Maxim Integrated Products MAX8530 Datasheet HTML 7Page - Maxim Integrated Products MAX8530 Datasheet HTML 8Page - Maxim Integrated Products MAX8530 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX8530/MAX8531 offer the benefits of low-
dropout voltage and ultra-low power regulation in
subminiaturized UCSP and QFN packages with an inte-
grated microprocessor reset circuit (MAX8530 only).
The devices operate from a 2.5V to 6.5V input and
deliver up to 200mA and 150mA outputs with low
dropout of 100mV (typ) at 100mA. Designed with an
internal P-channel MOSFET pass transistor, the supply
current is kept at a low 130µA (with both LDOs on),
independent of the load current and dropout voltage.
Other features include short-circuit protection and
thermal-shutdown protection.
The MAX8530 provides microprocessor open-drain,
active-low reset output to monitor OUT1, eliminating
external components and adjustments. The MAX8530
asserts a 100ms (min) RESET signal when OUT1 drops
below 87% of the nominal output voltage. The MAX8531
includes a reference bypass pin for low output noise
(40µVRMS).
Both devices include a logic-controlled shutdown input
and are available in 6-bump UCSP and 6-pin thin QFN
exposed pad packages.
Applications
Cellular and Cordless Phones
PDAs and Palmtop Computers
Notebook Computers
Digital Cameras
PCMCIA Cards
Wireless LAN Cards
Hand-Held Instruments
Features
o Guaranteed 200mA Output Current for OUT1
o Guaranteed 150mA Output Current for OUT2
o Low 100mV (typ) Dropout at 100mA Load for
both LDOs
o Open-Drain, Active-Low 100ms (min) Reset Timer
(MAX8530)
o Low 40µVRMS Output Noise (MAX8531)
o Low 130µA Operating Supply Current
o <1µA Shutdown Current
o Thermal-Overload and Short-Circuit Protection
o Output Current Limit
o Tiny Packages Available
1.16 x 1.57 x 0.6mm UCSP (3 x 2 Grid)
3mm x 3mm Thin QFN
Dual Low-Dropout Linear Regulators
with RESET or Low-Noise Output in UCSP or QFN
Ordering Information
19-2711; Rev 0; 1/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*xy = Output voltage code (see the Output Voltage Selector
Guide).
**EP = Exposed pad.
EVALUATION
KIT
AVAILABLE
Pin Configurations appear at end of data sheet.
Output Voltage Selector Guide appears at end of data
sheet.
PART
TEMP RANGE
OUT_
VOLTAGE
PIN-
PACKAGE
MAX8530EBTxy* -40
°C to +85°C 1.5V to 3.3V 6 UCSP
MAX8530ETTxy* -40
°C to +85°C 1.5V to 3.3V 6 Thin QFN-EP**
MAX8531EBTxy* -40
°C to +85°C 1.5V to 3.3V 6 UCSP
MAX8531ETTxy* -40
°C to +85°C 1.5V to 3.3V 6 Thin QFN-EP
IN
OUT1
2.2
µF
CIN
2.2
µF
INPUT
2.5V TO 6.5V
1.5V TO 3.3V
AT 200mA
1.5V TO 3.3V
AT 150mA
1
µF
SHDN
OFF
ON
OUT2
GND
RESET
BASEBAND
µP
VI/O
VCORE
RESET
MAX8530
Typical Operating Circuit


Similar Part No. - MAX8530

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8530 MAXIM-MAX8530 Datasheet
255Kb / 12P
Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8530EBTJ2 MAXIM-MAX8530EBTJ2 Datasheet
255Kb / 12P
Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8530EBTJO MAXIM-MAX8530EBTJO Datasheet
255Kb / 12P
Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8530EBTKG MAXIM-MAX8530EBTKG Datasheet
255Kb / 12P
Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8530ETTK2 MAXIM-MAX8530ETTK2 Datasheet
255Kb / 12P
Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
More results

Similar Description - MAX8530

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
logo
Texas Instruments
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8530 MAXIM-MAX8530_05 Datasheet
255Kb / 12P
Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com