Electronic Components Datasheet Search
  English  ▼

X  

MAX8530 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8530
Description  Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8530 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8530 Datasheet HTML 3Page - Maxim Integrated Products MAX8530 Datasheet HTML 4Page - Maxim Integrated Products MAX8530 Datasheet HTML 5Page - Maxim Integrated Products MAX8530 Datasheet HTML 6Page - Maxim Integrated Products MAX8530 Datasheet HTML 7Page - Maxim Integrated Products MAX8530 Datasheet HTML 8Page - Maxim Integrated Products MAX8530 Datasheet HTML 9Page - Maxim Integrated Products MAX8530 Datasheet HTML 10Page - Maxim Integrated Products MAX8530 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Shutdown
The MAX8530/MAX8531 have a single shutdown con-
trol input (SHDN). Drive SHDN low to shut down both
outputs, reducing supply current to 10nA. Connect
SHDN to a logic high, or IN, for normal operation.
Internal P-Channel Pass Transistor
The MAX8530/MAX8531 feature two 1
Ω P-channel
MOSFET pass transistors. A P-channel MOSFET pro-
vides several advantages over similar designs using
PNP pass transistors, including longer battery life. It
requires no base drive, substantially reducing quies-
cent current. PNP-based regulators waste considerable
current in dropout when the pass transistor saturates
and also use high base-drive currents under heavy
loads. The MAX8530/MAX8531 do not suffer these
problems and consume only 150µA of quiescent cur-
rent whether in dropout, light-load, or heavy-load appli-
cations (see the Typical Operating Characteristics).
Whereas a PNP-based regulator has dropout voltage
that is independent of the load, a P-channel MOSFET’s
dropout voltage is proportional to load current, providing
for low dropout voltage at heavy loads and extremely
low dropout voltage at lighter loads.
Current Limit
The MAX8530/MAX8531 contain two independent cur-
rent limiters, one for each regulator, which monitor and
control the pass transistor’s gate voltage and limit the
output currents to 210mA and 165mA minimum. The
output can be shorted to ground for an indefinite time
without damaging the part.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipa-
tion in the MAX8530/MAX8531. When the junction tem-
perature exceeds TJ = +160°C, the thermal sensor
signals the shutdown logic, turning off the pass transistor
and allowing the IC to cool. The thermal sensor turns the
pass transistor on again after the IC’s junction tempera-
ture cools by 10°C, resulting in a pulsed output during
continuous thermal-overload conditions.
Thermal-overload protection is designed to protect the
MAX8530/MAX8531 in the event of fault conditions. For
continual operation, do not exceed the absolute maxi-
mum junction temperature rating of TJ = +150°C.
Operating Region and Power Dissipation
The MAX8530/MAX8531s’ maximum power dissipation
depends on the thermal resistance of the case and cir-
cuit board, the temperature difference between the die
junction and ambient air, and the rate of airflow. The
power dissipation across the device is P = IOUT (VIN -
VOUT). Maximum power dissipation:
PMAX = (TJ - TA)/(
θJB + θBA)
where TJ - TA is the temperature difference between the
MAX8530/MAX8531 die junction and the surrounding air,
θJB (or θJC) is the thermal resistance of the package, and
θBA is the thermal resistance through the printed circuit
board, copper traces, and other materials to the sur-
rounding air.
The GND pin of the MAX853_ETT__ (6-lead QFN) per-
forms the dual functions of providing an electrical con-
nection to the ground and channeling heat away.
Connect the GND pin and exposed pad to ground
using a large pad or ground plane.
Low-Noise Operation (MAX8531)
An external 0.01µF bypass capacitor at BP, in conjunc-
tion with an internal resistor, creates a lowpass filter
(see the Typical Application Circuit). The MAX8531
exhibits 40µVRMS output voltage noise with CBP =
0.01µF and COUT = 2.2µF (see the Output Noise
Spectral Density vs. Frequency graph in the Typical
Operating Characteristics).
Dual Low-Dropout Linear Regulators
with RESET or Low-Noise Output in UCSP or QFN
_______________________________________________________________________________________
7
IN
OUT1
2.2
µF
CIN
2.2
µF
INPUT
2.5V TO 6.5V
1.5V TO 3.3V
AT 200mA
1.5V TO 3.3V
AT 150mA
1
µF
10nF
SHDN
OFF
ON
OUT2
GND
BP
MAX8531
MAX8531
Typical Appication Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com