Electronic Components Datasheet Search
  English  ▼

X  

MAX8530 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8530
Description  Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8530 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8530 Datasheet HTML 1Page - Maxim Integrated Products MAX8530 Datasheet HTML 2Page - Maxim Integrated Products MAX8530 Datasheet HTML 3Page - Maxim Integrated Products MAX8530 Datasheet HTML 4Page - Maxim Integrated Products MAX8530 Datasheet HTML 5Page - Maxim Integrated Products MAX8530 Datasheet HTML 6Page - Maxim Integrated Products MAX8530 Datasheet HTML 7Page - Maxim Integrated Products MAX8530 Datasheet HTML 8Page - Maxim Integrated Products MAX8530 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dual Low-Dropout Linear Regulators
with RESET or Low-Noise Output in UCSP or QFN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(IN = 3.8V, SHDN = IN, CBP = 10nF (MAX8531), TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
Note 2: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 3: The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V.
Specification applies only when VOUT
≥ 2.5V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET OUTPUT (MAX8530 ONLY)
RESET Threshold
VTH
Percentage of nominal output, OUT1 falling,
when RESET falls.
84
87
89
%
RESET Threshold Hysteresis
0.5
%
IRESET = 500µA, IN = 3.8V
10
20
RESET Output Voltage Low
(Open-Drain, Active Low)
VOL
IRESET = 100µA, IN = 1.2V
10
40
mV
TA = +25°C
0.001
1
RESET Open-Drain
Output Leakage Current
V RESET = 6.5V
TA = +85°C
0.01
µA
RESET Active Timeout Delay
From OUT1 rising to RESET rising.
100
200
360
ms
Typical Operating Characteristics
VOUT1 = 3.3V, VOUT2 = 1.5V, load = 80mA (both output voltages), VIN = 3.8V, COUT_ = 2.2µF, CBP = 0.01µF, CIN = 2.2µF, and TA = +25°C,
unless otherwise noted.
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
6
5
4
3
2
1
50
100
150
200
250
0
0
80mA LOAD, BOTH OUTPUTS
NO LOAD
SUPPLY CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
70
60
40
50
20
30
10
20
40
60
80
100
120
140
160
180
200
0
080
BOTH OUTPUTS LOADED
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
20
40
60
80
100
120
140
160
180
200
0
-40
85
80mA LOAD, BOTH OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com