Electronic Components Datasheet Search
  English  ▼

X  

MAX8530 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8530
Description  Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8530 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8530 Datasheet HTML 1Page - Maxim Integrated Products MAX8530 Datasheet HTML 2Page - Maxim Integrated Products MAX8530 Datasheet HTML 3Page - Maxim Integrated Products MAX8530 Datasheet HTML 4Page - Maxim Integrated Products MAX8530 Datasheet HTML 5Page - Maxim Integrated Products MAX8530 Datasheet HTML 6Page - Maxim Integrated Products MAX8530 Datasheet HTML 7Page - Maxim Integrated Products MAX8530 Datasheet HTML 8Page - Maxim Integrated Products MAX8530 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dual Low-Dropout Linear Regulators
with RESET or Low-Noise Output in UCSP or QFN
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
VOUT1 = 3.3V, VOUT2 = 1.5V, load = 80mA (both output voltages), VIN = 3.8V, COUT_ = 2.2µF, CBP = 0.01µF, CIN = 2.2µF, and TA = +25°C,
unless otherwise noted.
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
180
160
140
120
100
80
60
40
20
50
100
150
200
250
0
0
200
LDO DROPOUT VOLTAGE vs. VOUT
VOUT (V)
3.2
3.1
3.0
2.9
2.8
2.7
2.6
20
40
60
80
100
120
0
2.5
3.3
IOUT1 = 80mA
OUTPUT VOLTAGE ACCURACY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-40
85
PSRR vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
0.1
10
20
30
40
50
60
70
0
0.01
1000
OUT2 = 2.85V
OUT1 = 2.85V
100
Ω LOAD
CHANNEL-TO-CHANNEL ISOLATION
vs. FREQUENCY (MAX8531)
FREQUENCY (kHz)
100
10
0.1
1
10
20
30
40
50
60
70
80
0
0.01
1000
100
Ω LOAD
OUTPUT NOISE SPECTRAL DENSITY
vs. FREQUENCY (MAX8531)
FREQUENCY (kHz)
10
1
0.1
100
1000
10,000
10
0.01
100
OUTPUT NOISE (10Hz TO 100kHz)
(MAX8531)
MAX8530 toc10
VOUT_
500
µV/
div
10ms/div
LINE TRANSIENT
MAX8530 toc11
VOUT_
4.5V
40
µs/div
VIN
3.5V
1V/div
20mV/div
AC-COUPLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com