Electronic Components Datasheet Search
  English  ▼

X  

MAX8530 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8530
Description  Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8530 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8530 Datasheet HTML 1Page - Maxim Integrated Products MAX8530 Datasheet HTML 2Page - Maxim Integrated Products MAX8530 Datasheet HTML 3Page - Maxim Integrated Products MAX8530 Datasheet HTML 4Page - Maxim Integrated Products MAX8530 Datasheet HTML 5Page - Maxim Integrated Products MAX8530 Datasheet HTML 6Page - Maxim Integrated Products MAX8530 Datasheet HTML 7Page - Maxim Integrated Products MAX8530 Datasheet HTML 8Page - Maxim Integrated Products MAX8530 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Dual Low-Dropout Linear Regulators
with RESET or Low-Noise Output in UCSP or QFN
_______________________________________________________________________________________
5
LOAD TRANSIENT
(VIN = 3.8V, ILOAD = 1mA TO 80mA)
MAX8530 toc12
ILOAD
50mA/div
10
µs/div
VOUT
0
20mV/div
AC-COUPLED
Pin Description
PIN
MAX8530
(QFN)
MAX8531
(QFN)
MAX8530
(UCSP)
MAX8531
(UCSP)
NAME
FUNCTION
1
1
B3
B3
OUT2
Regulator 2 Output. Guaranteed 150mA output current.
2
2
B2
B2
IN
Regulator Input
3
3
B1
B1
OUT1
Regulator 1 Output. Guaranteed 200mA output current.
4
4
A1
A1
GND
Ground. Also functions as a heatsink for the 6-pin QFN. Solder to a large
pad or the circuit board ground plane to maximize thermal dissipation.
5
5
A2
A2
SHDN
Shutdown Input. A logic low shuts down both regulators. Connect to IN
for normal operation.
6
—
A3
—
RESET
Reset Active-Low Open-Drain Output. Minimum timeout of 100ms. RESET
is low in shutdown.
—
6
—
A3
BP
Reference Noise Bypass. Connect to a 0.01µF ceramic capacitor for
reduced noise at both outputs.
Typical Operating Characteristics (continued)
VOUT1 = 3.3V, VOUT2 = 1.5V, load = 80mA (both output voltages), VIN = 3.8V, COUT_ = 2.2µF, CBP = 0.01µF, CIN = 2.2µF, and TA = +25°C,
unless otherwise noted.
LOAD TRANSIENT NEAR DROPOUT
MAX8530 toc13
ILOAD
50mA/div
10
µs/div
VOUT
0
20mV/div
AC-COUPLED
VIN = VOUT + 0.1V
RESET RESPONSE
(MAX8530)
MAX8530 toc14
VOUT-
2V/
div
40ms/div
VIN
0
VRESET
2V/
div
0
2V/
div
0
SHUTDOWN RESPONSE
MAX8530 toc15
VOUT-
1V/
div
1ms/div
0
VSHDN
2V/
div
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com