Electronic Components Datasheet Search
  English  ▼

X  

MAX8530 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8530
Description  Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8530 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8530 Datasheet HTML 2Page - Maxim Integrated Products MAX8530 Datasheet HTML 3Page - Maxim Integrated Products MAX8530 Datasheet HTML 4Page - Maxim Integrated Products MAX8530 Datasheet HTML 5Page - Maxim Integrated Products MAX8530 Datasheet HTML 6Page - Maxim Integrated Products MAX8530 Datasheet HTML 7Page - Maxim Integrated Products MAX8530 Datasheet HTML 8Page - Maxim Integrated Products MAX8530 Datasheet HTML 9Page - Maxim Integrated Products MAX8530 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
The MAX8530/MAX8531 are low-power, low-dropout,
low-quiescent current linear regulators with reset
designed primarily for battery-powered applications.
For preset output voltages, refer to the Output Voltage
Selector Guide. Other combinations between 1.5V and
3.3V are available in 50mV increments. This device
supplies loads up to 200mA for OUT1 and 150mA for
OUT2. The MAX8530/MAX8531 consist of a 1.25V ref-
erence, error amplifiers, P-channel pass transistors,
reset block, and internal feedback voltage-dividers.
The 1.25V bandgap reference is connected to the error
amplifier’s inverting input. The error amplifier compares
this reference with the feedback voltage and amplifies
the difference. If the feedback voltage is lower than the
reference voltage, the pass-transistor gate is pulled
lower, allowing more current to pass to the output and
increasing the output voltage. If the feedback voltage is
too high, the pass-transistor gate is pulled up, allowing
less current to pass to the output. The output voltage is
fed back through an internal resistor voltage-divider
connected to the OUT_ pin.
RESET
The reset circuit is active at power-up and power-down.
RESET is held low at power-up. The reset timing starts
once the OUT1 voltage reaches 87% (typ) of its regula-
tion voltage. The RESET signal goes high 200ms (typ)
after the OUT1 voltage reaches 87% (typ) of its regulation
voltage. At power-off, RESET goes low when the OUT1
voltage is below 87% (typ) of its regulation voltage.
Dual Low-Dropout Linear Regulators
with RESET or Low-Noise Output in UCSP or QFN
6
_______________________________________________________________________________________
P
N
ERROR
AMP
IN
SHDN
GND
OUT1
RESET*
* MAX8530 ONLY
**MAX8531 ONLY
BP**
OUT2
MOS
DRIVER
WITH ILIMIT
DELAY
THERMAL
SENSOR
LDO2
87%
REF
1.25V
REF
SHUTDOWN
AND
POWER-ON
CONTROL
MAX8530
MAX8531
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com