Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Final
23
Version: DM9161-DS-F02
May 10,2002
0.8
Duplex mode
1,RW
Duplex Mode
1 = Full duplex operation. Duplex selection is allowed when Auto-
negotiation is disabled (bit 12 of this register is cleared). With auto-
negotiation enabled, this bit reflects the duplex capability selected by
auto-negotiation
0 = Normal operation
0.7
Collision test
0,RW
Collision Test
1 = Collision test enabled. When set, this bit will cause the COL signal
to be asserted in response to the assertion of TX_EN
0 = Normal operation
0.6-0.0
Reserved
0,RO
Reserved
Read as 0, ignore on write
8.2 Basic Mode Status Register (BMSR) - 01
Bit
Bit Name
Default
Description
1.15
100BASE-T4
0,RO/P
100BASE-T4 Capable
1 = DM9161 is able to perform in 100BASE-T4 mode
0 = DM9161 is not able to perform in 100BASE-T4 mode
1.14
100BASE-TX
full-duplex
1,RO/P
100BASE-TX Full Duplex Capable
1 = DM9161 is able to perform 100BASE-TX in full duplex mode
0 = DM9161 is not able to perform 100BASE-TX in full duplex mode
1.13
100BASE-TX
half-duplex
1,RO/P
100BASE-TX Half Duplex Capable
1 = DM9161 is able to perform 100BASE-TX in half duplex mode
0 = DM9161 is not able to perform 100BASE-TX in half duplex mode
1.12
10BASE-T
full-duplex
1,RO/P
10BASE-T Full Duplex Capable
1 = DM9161 is able to perform 10BASE-T in full duplex mode
0 = DM9161 is not able to perform 10BASE-TX in full duplex mode
1.11
10BASE-T
half-duplex
1,RO/P
10BASE-T Half Duplex Capable
1 = DM9161 is able to perform 10BASE-T in half duplex mode
0 = DM9161 is not able to perform 10BASE-T in half duplex mode
1.10-1.7
Reserved
0,RO
Reserved
Read as 0, ignore on write
1.6
MF preamble
suppression
0,RO
MII Frame Preamble Suppression
1 = PHY will accept management frames with preamble suppressed
0 = PHY will not accept management frames with preamble
suppressed
1.5
Auto-negotiation
Complete
0,RO
Auto-negotiation Complete
1 = Auto-negotiation process completed
0 = Auto-negotiation process not completed
1.4
Remote fault
0, RO/LH Remote Fault
1 = Remote fault condition detected (cleared on read or by a chip
reset). Fault criteria and detection method is DM9161 implementation
specific. This bit will set after the RF bit in the ANLPAR (bit 13,
register address 05) is set
0 = No remote fault condition detected
1.3
Auto-negotiation
ability
1,RO/P
Auto Configuration Ability
1 = DM9161 is able to perform auto-negotiation
0 = DM9161 is not able to perform auto-negotiation
1.2
Link status
0,RO/LL
Link Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com