Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
8
Final
Version: DM9161-DS-F02
May 10,2002
5.2 Media Interface, 4 pins
Pin No.
Pin Name
I/O
Description
3,4
RX+
RX-
I
Differential Receive Pair
Differential data is received from the media
7,8
TX+
TX-
O Differential Transmit Pair/PECL Transmit Pair
Differential data is transmitted to the media in TP mode
5.3 LED Interface, 3 pins
Pin No.
Pin Name
I/O
Description
11
FDX
/COL LED#
/OP0
O,
LI
(U)
Full/Half Duplex LED
Active states indicate the full-duplex mode. Active states see LED
configuration
Full-Duplex/Collision LED: when bit 5 of register 16 is set high
Active states indicate the full-duplex mode or activity Collision LED when
in the half-duplex mode. Active states see LED configuration
OP0: (power up reset latch input)
This pin is used to control the forced or advertised operating mode of the
DM9161 according to the Table A. The value is latched into the DM9161
registers at power-up/reset
12
SPEED LED#
/OP1
O,
LI
(U)
Speed LED
Active states indicate the 100Mbps mode. Active states see LED
configuration
When bit 6 of Register 16 is set high, it controls the SPEED LED as
100Base-TX SD signal output. For debug only
OP1: (power up reset latch input)
This pin is used to control the forced or advertised operating mode of the
DM9161 according to the Table A. The value is latched into the DM9161
registers at power-up/reset
13
LINK
/ACT
LED#
/OP2
O,
LI
(U)
Link LED & Activity LED:
Active states indicate the good link for 10Mbps and 100Mbps operations.
It is also an active LED function when transmitting or receiving data.
Active states see LED configuration
OP2: (power up reset latch input)
This pin is used to control the forced or advertised operating mode of the
DM9161 according to the Table A. The value is latched into the DM9161
registers at power-up/reset
5.4 Mode, 2 pins
Pin No.
Pin Name
I/O
Description
10
PWRDWN
I
Power Down Control
Asserted high to force the DM9161 into power down mode. When in
power down mode, most of the DM9161 circuit block’s power is turned
off, only the MII management interface (MDC, MDIO) logic is available
(the PHY should respond to management transactions and should not
generate spurious signals on the MII)). To leave power down mode, the
DM9161 needs the hardware or software reset with the PWRDWN pin
low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com