Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
32
Final
Version: DM9161-DS-F02
May 10,2002
3
LH_PH3
0
RXD3 pin reset latch value
2
LH_PH2
0
RXD2 pin reset latch value
1
LH_PH1
0
RXD1 pin reset latch value
0
LH_PH0
0
RXD0 pin reset latch value
9. DC and AC Electrical Characteristics
9.1 Absolute Maximum Ratings ( 25
°°°°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD, AVDD
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage (VIN)-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)-0.3
3.6
V
Tstg
Storage Temperature Rang (Tstg)
-65
+125
°C
Tc
Case Temperature
0
85
°C
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
235
°C
9.2 Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD,AVDD
Supply Voltage
3.135
3.465
V
TA
Ambient Temperature
---
70
°C
Tc
Case Temperature
---
85
°CAs TA = 70°C
100BASE-TX
---
88
mA
3.3V
10BASE-T TX, normal activity traffic 50%
utility.
---
70
mA
3.3V
10BASE-T idle
---
30
mA
3.3V
Auto-negotiation
---
45
mA
3.3V
Power Reduced Mode (without cable )
---
18
mA
3.3V
PD
(Power Dissipation)
Power Down Mode
---
3
mA
3.3V
Comments
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those indicated that in the operational sections of this
specification is not implied.
Exposure to absolute
maximum rating conditions for extended periods may
affect
device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com