Electronic Components Datasheet Search
  English  ▼

X  

LM2631 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2631
Description  Synchronous Step-Down Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2631 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2631 Datasheet HTML 1Page - National Semiconductor (TI) LM2631 Datasheet HTML 2Page - National Semiconductor (TI) LM2631 Datasheet HTML 3Page - National Semiconductor (TI) LM2631 Datasheet HTML 4Page - National Semiconductor (TI) LM2631 Datasheet HTML 5Page - National Semiconductor (TI) LM2631 Datasheet HTML 6Page - National Semiconductor (TI) LM2631 Datasheet HTML 7Page - National Semiconductor (TI) LM2631 Datasheet HTML 8Page - National Semiconductor (TI) LM2631 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Continued)
Specifications in standard type face are for T
j = 25˚C and those with boldface type apply over full operating junction tem-
perature range. V
IN =10V, GND = PGND = 0V,unless otherwise stated. (Notes 5, 6)
Symbol
Parameter
Conditions
Typical
Limit
Units
System
V
OUT Low Regulation Comparator
Enable Threshold
97
% V
OUT
Hysteresis of Low Regulation
Comparator
2
% V
OUT
Regulator Window Detector
Thresholds (PGOOD from High to
Low)
91 or 109
% V
OUT
Regulator Window Detector
Thresholds (PGOOD from Low to
High)
97 or 103
% V
OUT
Gate Drive
V
BOOT
Bootstrap Voltage (Voltage from
CBOOT to SW)
CBOOT Sourcing 100 µA
4.5
V
4.0
V(min)
I
BOOT
CBOOT Leakage Current
V
CBOOT = 7V
100
nA
High Drive Source Current
V
HDRV = 0V, VCBOOT = 5V
0.3
A
High Drive Sink Current
HDRV Forced to 5V
0.45
A
Low Drive Source Current
LDRV Forced to 0V
0.35
A
Low Drive Sink Current
LDRV Forced to 5V
0.55
A
High-Side FET On-Resistance
HDRV or LDRV
8
Ω
Low-Side FET On-Resistance
HDRV or LDRV
4
Ω
Oscillator
F
OSC
Oscillator Frequency
FADJ Open
200
kHz
172/162
kHz(min)
228/230
kHz(max)
Oscillator Frequency
FADJ Sourcing 2.94 µA (Note 9)
300
kHz
255
kHz(min)
345
kHz(max)
V
FADJ
Voltage at FADJ pin
1.03
V
D
MAX
Maximum Duty Cycle
FADJ Open
96
%
92
%(min)
Maximum Frequency of
Synchronization
Low-Going 200 ns Wide
Rectangular Pulses Applied at
400 kHz at the SYNC Input
400
kHz(min)
Minimum Pulse Width of the
SYNC Signal
SYNC Pulses are Low-Going
200
ns(min)
Error Amplifier
I
FB
Feedback Input Bias Current
V
FB = 1.3V, VCSH = 5.15V, VCSL
= 5V
100
nA
I
COMP
COMP Output Source Current
V
COMP = 0.2V, VFB = 1V
50
µA
COMP Output Sink Current
V
COMP = 1.2V, VFB = 1.4V
50
µA
Voltage Reference
V
REF
Reference Voltage (Nominal))
I
REF = 0µA
1.238
V
1.219/1.219
V(min)
1.251/1.262
V(max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com