Electronic Components Datasheet Search
  English  ▼

X  

LM2631 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2631
Description  Synchronous Step-Down Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2631 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2631 Datasheet HTML 1Page - National Semiconductor (TI) LM2631 Datasheet HTML 2Page - National Semiconductor (TI) LM2631 Datasheet HTML 3Page - National Semiconductor (TI) LM2631 Datasheet HTML 4Page - National Semiconductor (TI) LM2631 Datasheet HTML 5Page - National Semiconductor (TI) LM2631 Datasheet HTML 6Page - National Semiconductor (TI) LM2631 Datasheet HTML 7Page - National Semiconductor (TI) LM2631 Datasheet HTML 8Page - National Semiconductor (TI) LM2631 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltages from the indicated
pins to GND and PGND:
V
IN
−0.3V to 32V
CBOOT
−0.3V to 37V
SD
−0.3V to 32V
SW
−0.3V to 32V
CSH, CSL
−0.3V to 8V
FPWM, SYNC
−0.3V to 10V
Power Dissipation (T
A =
70˚C), (Note 2)
720mW
Storage Temperature Range
−65˚C to +150˚C
Soldering Dwell Time,
Temperature (Note 3)
Wave
4 sec, 260˚C
Infrared
10 sec, 240˚C
Vapor Phase
75 sec, 219˚C
ESD Rating (Note 4)
1.5 kV
Operating Ratings
V
IN
4.5V to 30V
Junction Temperature
−25˚C to +125˚C
Electrical Characteristics
Specifications in standard type face are for T
j = 25˚C and those with boldface type apply over full operating junction tem-
perature range. V
IN =10V, GND = PGND = 0V,unless otherwise stated. (Notes 5, 6)
Symbol
Parameter
Conditions
Typical
Limit
Units
System
V
IN
Input Supply Voltage
4.5
30
V(min)
V(max)
V
OUT
Output Voltage Adjustment Range
1.5
7.0
V(min)
V(max)
∆V
OUT/
V
OUT
Load Regulation
0 mV
≤ (CSH-CSL) ≤ 75 mV
0.3
%
∆V
OUT/
V
OUT
Line Regulation
4.5
≤ V
IN ≤ 30V
0.002
%/V
I
IN
Input Supply Current with the
Switching Controller ON
V
FB = 1V, VCSH = 2.15V, VCSL =
2.1V
0.8
mA
1.2/1.4
mA(max)
Input Supply Current with the
Switching Controller ON (Internal
Rail is Supplied from CSL Pin)
V
FB = 1V, VCSH = 5.15V, VCSL =
5V
0.15
mA
Input Supply Current with the IC
Shut Down
V
SD = 0V, VIN = 30V
0.1
µA
3 (Note 7)
µA(max)
Minimum Output Voltage for CSL
Providing the Internal Rail
3V
I
SS
Soft Start Source Current
V
SS = 1.5V
10
µA
5
µA(min)
13
µA(max)
Soft Start Sink Current
V
SS = 1.5V
20
µA
V
CL
Current Limit Voltage (Voltage
from CSH to CSL)
V
FB = 1V, VCSL = 1.8V
110
mV
90/80
mV(min)
130/140
mV(max)
V
IN Undervoltage Shutdown Latch
Threshold
Rising Edge
3.5
V
2.6
V(min)
V
OUT Undervoltage Shutdown
Latch Threshold (Note 8)
80
% V
OUT
72/70
% V
OUT(min)
89/90
%V
OUT(max)
V
OUT Overvoltage Shutdown
Latch Threshold (Note 8)
120
% V
OUT
113/110
% V
OUT(min)
129/130
% V
OUT(max)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com